Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCC2W6-0.1W Datasheet(PDF) 8 Page - HB Electronic Components

Part # PLCC2W6-0.1W
Description  Compatible with automatic placement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2W6-0.1W Datasheet(HTML) 8 Page - HB Electronic Components

Back Button PLCC2W6-0.1W Datasheet HTML 3Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 4Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 5Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 6Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 7Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 8Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 9Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 10Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 11Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Typical Electro-Optical Characteristics Curves:
Relative Luminous Intensity vs. Ambient Temperature
Relative Luminous Intensity vs.Radiation Angle
0%
Ta( ℃)
Maximum Forward Current vs.Ambient Temperature
60
20
0
0
40
100
80
90°
60°
Relative Luminous Intensity vs. Wavelength
40
10
15
30
If(mA)
50
60
450
400
0.0
0.2
500
0.4
0.6
0.8
1.0
50%
100%
600
550
WL(nm)
650
0.1
0.2
-40
-20
-10
0
0.5
1.0
2.0
90°
30°
0%
50%
100%
40°
20°
10°
30°
70°
80°
60°
50°
Ta( ℃)
40
20
10
30
80
60
100
Relative Luminous Intensity vs. Forward Current
Forward Current vs. Forward Voltage
2.4
2.8
3.2
0
15
30
45
60
75
If(mA)
3.6
4.0
4.4
Vf(V)
30
0
0.0
2.0
1.0
3.0
4.0
5.0
If(mA)
60
120
90
150
Technical Data Sheet
Top View LED
Hebei I.T. (Shanghai) Co., Ltd.
Part No: PLCC2W6-0.1W
Prepared date:Apr. 2012
www.ledz.com
Rev.:0
Page 8 of 11


Similar Part No. - PLCC2W6-0.1W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PLCC20 STMICROELECTRONICS-PLCC20 Datasheet
31Kb / 2P
   PLCC 20
logo
Adam Technologies, Inc.
PLCC20AG ADAM-TECH-PLCC20AG Datasheet
120Kb / 1P
   PLCC SOCKETS
PLCC20AGSMT ADAM-TECH-PLCC20AGSMT Datasheet
120Kb / 1P
   PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
PLCC20AT ADAM-TECH-PLCC20AT Datasheet
120Kb / 1P
   PLCC SOCKETS
PLCC20ATSMT ADAM-TECH-PLCC20ATSMT Datasheet
120Kb / 1P
   PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
More results

Similar Description - PLCC2W6-0.1W

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com