Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMZB200UNE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMZB200UNE
Description  30 V, N-channel Trench MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZB200UNE Datasheet(HTML) 3 Page - NXP Semiconductors

  PMZB200UNE_15 Datasheet HTML 1Page - NXP Semiconductors PMZB200UNE_15 Datasheet HTML 2Page - NXP Semiconductors PMZB200UNE_15 Datasheet HTML 3Page - NXP Semiconductors PMZB200UNE_15 Datasheet HTML 4Page - NXP Semiconductors PMZB200UNE_15 Datasheet HTML 5Page - NXP Semiconductors PMZB200UNE_15 Datasheet HTML 6Page - NXP Semiconductors PMZB200UNE_15 Datasheet HTML 7Page - NXP Semiconductors PMZB200UNE_15 Datasheet HTML 8Page - NXP Semiconductors PMZB200UNE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NXP Semiconductors
PMZB200UNE
30 V, N-channel Trench MOSFET
PMZB200UNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
12 March 2015
3 / 14
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
30
V
VGS
gate-source voltage
Tj = 25 °C
-8
8
V
VGS = 4.5 V; Tamb = 25 °C
[1]
-
1.4
A
ID
drain current
VGS = 4.5 V; Tamb = 100 °C
[1]
-
0.9
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
5
A
[2]
-
350
mW
Tamb = 25 °C
[1]
-
760
mW
Ptot
total power dissipation
Tsp = 25 °C
-
6250
mW
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb = 25 °C
[1]
-
0.7
A
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for drain 1 cm2.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Tj (°C)
- 75
175
125
25
75
- 25
017aaa123
40
80
120
Pder
(%)
0
Fig. 2. Normalized total power dissipation as a
function of junction temperature
Tj (°C)
- 75
175
125
25
75
- 25
017aaa124
40
80
120
Ider
(%)
0
Fig. 3. Normalized continuous drain current as a
function of junction temperature


Similar Part No. - PMZB200UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZB200UNE NEXPERIA-PMZB200UNE Datasheet
724Kb / 14P
   30 V, N-channel Trench MOSFET
More results

Similar Description - PMZB200UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
   30 V, N-channel Trench MOSFET
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
   30 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
   30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
   30 V N-channel Trench MOSFET
14 January 2014
logo
Nexperia B.V. All right...
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
   30 V, N-channel Trench MOSFET
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
   30 V, N-channel Trench MOSFET
29 April 2019
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
   30 V, N-channel Trench MOSFET
12 April 2019
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
   30 V, N-channel Trench MOSFET
7 July 2020
PMPB15ENE NEXPERIA-PMPB15ENE Datasheet
294Kb / 14P
   30 V, N-channel Trench MOSFET
30 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com