Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHP3015-99F Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHP3015-99F
Description  X-Band 6-Bit Digital Phase Shifter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHP3015-99F Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHP3015-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHP3015-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHP3015-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHP3015-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHP3015-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHP3015-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHP3015-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHP3015-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHP3015-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CHP3015-99F
RoHS COMPLIANT
Ref. : DSCHP3015-2055 - 24 Feb 12
1/16
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
X-Band 6-Bit Digital Phase Shifter
GaAs Monolithic Microwave IC
Description
CHP3015-99F is an X-Band (8.5-11.5GHz)
monolithic 6-bit digital phase-shifter with a
0-360° range and high phase accuracy.
The average RMS phase error is 2.5°.The
circuit
provides
7.5dB
insertion
loss
associated with input and output return
losses better than 13dB under all states.
An on-chip DC-interface is compatible with
both CMOS (0/+3.3V) and TTL (0/+5V)
logics.
The circuit is mainly dedicated to defense
and space systems and is also well suited
for a wide range of microwave applications.
The MMIC is developed on a robust
0.25µm gate length pHEMT process.
Main Features
― -40°C
··· +25°C
―― +85°C
■ 2.5 deg average RMS phase error
■ Low I/O return losses (all states)
■ 24dBm Input P1dB
■ CMOS/TTL compatibility: V+ = +3.3/5V
■ DC-decoupled I/O
■ Chip size 2.41x2.41x0.1mm
Main Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
8.5
11.5
GHz
PPE
Peak Phase Error
(-3, +5)
deg
RMS_PE
RMS Phase Error
2.5
deg


Similar Part No. - CHP3015-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP3015-QDG UMS-CHP3015-QDG Datasheet
1Mb / 14P
   8.5-10.5GHz Phase Shifter
More results

Similar Description - CHP3015-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP4012A98F UMS-CHP4012A98F Datasheet
792Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP3010-QFG UMS-CHP3010-QFG_15 Datasheet
1Mb / 16P
   L-Band 6-Bit Digital Phase Shifter
CHP4012-QEG UMS-CHP4012-QEG_15 Datasheet
447Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP3010A98F UMS-CHP3010A98F_15 Datasheet
887Kb / 12P
   L-Band 6-Bit Digital Phase Shifter
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
   6-Bit DIGITAL PHASE SHIFTER
logo
United Monolithic Semic...
CHP1102-98F UMS-CHP1102-98F_15 Datasheet
679Kb / 10P
   S-Band 6-bit Phase Shifter
CHP1102-QGG UMS-CHP1102-QGG Datasheet
1Mb / 16P
   S-Band 6-bit Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
TriQuint Semiconductor
QPC2108 TRIQUINT-QPC2108 Datasheet
709Kb / 12P
   2.5-4GHz 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
QPC2108 QORVO-QPC2108 Datasheet
709Kb / 12P
   2.5-4GHz 6-Bit Digital Phase Shifter
March 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com