Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5394GP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 1N5394GP
Description  1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5394GP Datasheet(HTML) 3 Page - Micro Commercial Components

  1N5394GP Datasheet HTML 1Page - Micro Commercial Components 1N5394GP Datasheet HTML 2Page - Micro Commercial Components 1N5394GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N5391GP thru 1N5399GP
1
100
4
0
10
20
30
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
40
50
60
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25
°C
40
60
100
140
MCC
www.mccsemi.com


Similar Part No. - 1N5394GP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N5394GP GE-1N5394GP Datasheet
64Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
1N5394GP FCI-1N5394GP Datasheet
142Kb / 2P
   1.5 Amp MEGARECTIFIERS
logo
Vishay Siliconix
1N5394GP VISHAY-1N5394GP Datasheet
77Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Shanghai Lunsure Electr...
1N5394GP CHENYI-1N5394GP Datasheet
48Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Gulf Semiconductor
1N5394GP GULFSEMI-1N5394GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results

Similar Description - 1N5394GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP_13 Datasheet
451Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N5391GP CHENYI-1N5391GP Datasheet
48Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP_11 Datasheet
429Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
KBP005M MCC-KBP005M Datasheet
721Kb / 3P
   1.5 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
S2A-L MCC-S2A-L Datasheet
981Kb / 4P
   1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
S2D-LTP MCC-S2D-LTP Datasheet
940Kb / 4P
   1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_13 Datasheet
780Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com