Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN0R7-25YLD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN0R7-25YLD
Description  N-channel 25 V, 0.7 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN0R7-25YLD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN0R7-25YLD_15 Datasheet HTML 2Page - NXP Semiconductors PSMN0R7-25YLD_15 Datasheet HTML 3Page - NXP Semiconductors PSMN0R7-25YLD_15 Datasheet HTML 4Page - NXP Semiconductors PSMN0R7-25YLD_15 Datasheet HTML 5Page - NXP Semiconductors PSMN0R7-25YLD_15 Datasheet HTML 6Page - NXP Semiconductors PSMN0R7-25YLD_15 Datasheet HTML 7Page - NXP Semiconductors PSMN0R7-25YLD_15 Datasheet HTML 8Page - NXP Semiconductors PSMN0R7-25YLD_15 Datasheet HTML 9Page - NXP Semiconductors PSMN0R7-25YLD_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NXP Semiconductors
PSMN0R7-25YLD
N-channel 25 V, 0.7 mΩ logic level MOSFET in LFPAK56 using
NextPowerS3 Technology
PSMN0R7-25YLD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Objective data sheet
15 April 2015
9 / 10
grant, conveyance or implication of any license under any copyrights, patents
or other industrial or intellectual property rights.
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Non-automotive qualified products — Unless this data sheet expressly
states that this specific NXP Semiconductors product is automotive qualified,
the product is not suitable for automotive use. It is neither qualified nor
tested in accordance with automotive testing or application requirements.
NXP Semiconductors accepts no liability for inclusion and/or use of non-
automotive qualified products in automotive equipment or applications.
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards,
customer (a) shall use the product without NXP Semiconductors’ warranty
of the product for such automotive applications, use and specifications, and
(b) whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
11.4 Trademarks
Notice: All referenced brands, product names, service names and
trademarks are the property of their respective owners.
Bitsound, CoolFlux, CoReUse, DESFire, FabKey, GreenChip,
HiPerSmart, HITAG, I²C-bus logo, ICODE, I-CODE, ITEC, MIFARE,
MIFARE Plus, MIFARE Ultralight, SmartXA, STARplug, TOPFET,
TrenchMOS, TriMedia and UCODE — are trademarks of NXP
Semiconductors N.V.
HD Radio and HD Radio logo — are trademarks of iBiquity Digital
Corporation.


Similar Part No. - PSMN0R7-25YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN0R7-25YLD NEXPERIA-PSMN0R7-25YLD Datasheet
279Kb / 14P
   N-channel 25 V, 0.72 m廓, 300 A logic level MOSFET in LFPAK56 using NextPowerS3 Technology
More results

Similar Description - PSMN0R7-25YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN5R4-25YLD NEXPERIA-PSMN5R4-25YLD Datasheet
730Kb / 13P
   N-channel 25 V, 5.69 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN6R0-25YLD NEXPERIA-PSMN6R0-25YLD Datasheet
728Kb / 13P
   N-channel 25 V, 6.75 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN0R9-25YLD NEXPERIA-PSMN0R9-25YLD Datasheet
732Kb / 13P
   N-channel 25 V, 0.85 m廓, 300 A logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN0R7-25YLD NEXPERIA-PSMN0R7-25YLD Datasheet
279Kb / 14P
   N-channel 25 V, 0.72 m廓, 300 A logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN1R7-25YLD NEXPERIA-PSMN1R7-25YLD Datasheet
733Kb / 14P
   N-channel 25 V, 1.75 m廓, 170 A logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN2R4-30YLD NEXPERIA-PSMN2R4-30YLD Datasheet
724Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN6R1-30YLD NEXPERIA-PSMN6R1-30YLD Datasheet
757Kb / 13P
   N-channel 30 V, 6.1 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN1R2-25YLD NEXPERIA-PSMN1R2-25YLD Datasheet
736Kb / 14P
   N-channel 25 V, 1.2 m廓, 230 A logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMNR60-25YLH NEXPERIA-PSMNR60-25YLH Datasheet
308Kb / 13P
   N-channel 25 V, 0.7 mΩ, 300 A logic level MOSFET in LFPAK56 using NextPowerS3 technology
30 September 2019
PSMN1R4-30YLD NEXPERIA-PSMN1R4-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 1.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com