Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1107 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1107
Description  N-channel single gate MOS-FETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1107 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1107_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1107_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1107_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1107_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1107_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1107_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1107_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1107_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 14
2
Philips Semiconductors
Product specification
N-channel single gate MOS-FETs
BF1107; BF1107W
FEATURES
• Currentless RF switch.
APPLICATIONS
• Various RF switching applications such as:
- Passive loop through for VCR tuner
- Transceiver switching.
DESCRIPTION
The BF1107 and BF1107W are depletion type field-effect
transistors in SOT23 and SOT323 packages respectively.
The low loss and high isolation capabilities of this
MOS-FET provide excellent RF switching functions.
Integrated diodes between gate and source and between
gate and drain protect against excessive input voltage
surges. Drain and source are interchangeable.
PINNING
PIN
DESCRIPTION
BF1107
BF1107W
1
drain
drain
2
source
source
3
gate
gate
handbook, halfpage
MSB003
Top view
12
3
Fig.1 Simplified outline SOT23 (BF1107).
Marking code: S3p.
Fig.2 Simplified outline SOT323 (BF1107W).
Marking code: W3.
handbook, halfpage
2
3
1
MAM062
3
2
1
Top view
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
S
21(on)
2
losses (on-state)
RS =RL =50 Ω; f = 50 to 860 MHz
−−
2.5
dB
S21(off)2
isolation (off-state)
30
−−
dB
RDSon
drain-source on-resistance
VGS = 0; ID =1mA
12
20
VGSoff
pinch-off voltage
ID =20 µA; VDS =1V
−−3
−4.5
V
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.


Similar Part No. - BF1107_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1107W PHILIPS-BF1107W Datasheet
54Kb / 8P
   N-channel single gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1107_2015 JMNIC-BF1107_2015 Datasheet
66Kb / 8P
   N-channel single gate MOS-FETs
More results

Similar Description - BF1107_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1107_2015 JMNIC-BF1107_2015 Datasheet
66Kb / 8P
   N-channel single gate MOS-FETs
logo
NXP Semiconductors
BF1107 PHILIPS-BF1107 Datasheet
54Kb / 8P
   N-channel single gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
BF909 NXP-BF909 Datasheet
320Kb / 12P
   N-channel dual gate MOS-FETs
Rev. 02-19 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com