Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R0-30YLC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN1R0-30YLC
Description  N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R0-30YLC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN1R0-30YLC_15 Datasheet HTML 5Page - NXP Semiconductors PSMN1R0-30YLC_15 Datasheet HTML 6Page - NXP Semiconductors PSMN1R0-30YLC_15 Datasheet HTML 7Page - NXP Semiconductors PSMN1R0-30YLC_15 Datasheet HTML 8Page - NXP Semiconductors PSMN1R0-30YLC_15 Datasheet HTML 9Page - NXP Semiconductors PSMN1R0-30YLC_15 Datasheet HTML 10Page - NXP Semiconductors PSMN1R0-30YLC_15 Datasheet HTML 11Page - NXP Semiconductors PSMN1R0-30YLC_15 Datasheet HTML 12Page - NXP Semiconductors PSMN1R0-30YLC_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NXP Semiconductors
PSMN1R0-30YLC
N-channel 30 V 1.15 mΩ logic level MOSFET in LFPAK using
NextPower technology
PSMN1R0-30YLC
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
15 January 2015
9 / 14
003aaa508
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 14. Gate charge waveform definitions
003aae952
0
2
4
6
8
10
0
40
80
120
QG (nC)
VGS
(V)
VDS = 24V
15V
6V
Fig. 15. Gate-source voltage as a function of gate
charge; typical values
003aae950
102
103
104
10-1
1
10
102
VDS (V)
C
(pF)
Ciss
Crss
Coss
Fig. 16. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
003aae953
0
25
50
75
100
0
0.3
0.6
0.9
1.2
VSD (V)
IS
(A)
Tj = 25 C
Tj = 150 C
Fig. 17. Source current as a function of source-drain
voltage; typical values


Similar Part No. - PSMN1R0-30YLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_11 Datasheet
307Kb / 15P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011
More results

Similar Description - PSMN1R0-30YLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_11 Datasheet
307Kb / 15P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011
logo
Nexperia B.V. All right...
PSMN1R0-30YLC NEXPERIA-PSMN1R0-30YLC Datasheet
753Kb / 14P
   N-channel 30 V 1.15 mΩ logic level MOSFET in LFPAK using NextPower technology
15 January 2015
logo
NXP Semiconductors
PSMN7R0-30YLC NXP-PSMN7R0-30YLC Datasheet
308Kb / 15P
   N-channel 30 V 7.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011
PSMN011-30YLC PHILIPS-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
logo
Nexperia B.V. All right...
PSMN013-30YLC NEXPERIA-PSMN013-30YLC Datasheet
908Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
logo
NXP Semiconductors
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC_15 Datasheet
350Kb / 15P
   N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011
PSMN013-30YLC PHILIPS-PSMN013-30YLC_15 Datasheet
300Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN8R0-30YLC NXP-PSMN8R0-30YLC Datasheet
254Kb / 15P
   N-channel 30 V 7.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011
PSMN011-30YLC NXP-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
351Kb / 15P
   N-channel 30 V 2.8m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com