Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT4016-99F Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHT4016-99F
Description  4-16GHz 6-bit digital attenuator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4016-99F Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHT4016-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHT4016-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHT4016-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHT4016-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHT4016-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHT4016-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHT4016-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHT4016-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHT4016-99F Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-16GHz 6-bit digital attenuator
CHT4016-99F
Ref. : DSCHT40163042 - 11 Feb 13
5/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Test Fixture Measurements
Tamb.= +25°C, V+ = 5V, V- = -5V
Attenuator performances: Phase variation
Phase variation versus frequency
All attenuator states
Phase variation versus attenuator state
Frequency bandwidth 4-16GHz
RMS of phase variation
85°C
-40°C
25°C


Similar Part No. - CHT4016-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4016-QEG UMS-CHT4016-QEG Datasheet
729Kb / 12P
   4-14GHz 6-bit digital attenuator
CHT4016-QEG UMS-CHT4016-QEG_15 Datasheet
729Kb / 12P
   4-14GHz 6-bit digital attenuator
More results

Similar Description - CHT4016-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4016 UMS-CHT4016 Datasheet
1Mb / 10P
   4-16GHz 6-BIT DIGITAL ATTENUATOR GaAs Monolithic Microwave IC
CHT4016-QEG UMS-CHT4016-QEG_15 Datasheet
729Kb / 12P
   4-14GHz 6-bit digital attenuator
logo
Integrated Device Techn...
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
   Digital Attenuator, 4-Bit
logo
United Monolithic Semic...
CHT4660-QAG UMS-CHT4660-QAG_15 Datasheet
454Kb / 18P
   DC-16GHz Attenuator
logo
API Technologies Corp
TAN6007 APITECH-TAN6007 Datasheet
43Kb / 1P
   4 Bit Digital Attenuator
logo
Spectrum Microwave, Inc...
TAD5006 SPECTRUM-TAD5006 Datasheet
190Kb / 1P
   4 Bit Digital Attenuator
TAD6006 SPECTRUM-TAD6006 Datasheet
192Kb / 1P
   4 Bit Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com