Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT4660-QAG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHT4660-QAG
Description  DC-16GHz Attenuator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4660-QAG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHT4660-QAG Datasheet HTML 1Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 2Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 3Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 4Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CHT4660-QAG
DC-16GHz Attenuator
Ref : DSCHT4660QAG0211- 30 Jul 2010
4/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Package Sij parameters
Tamb = +25°C, V1 = -5V & V2= -5V – Minimum attenuat ion
Freq
dBS11
PhS11
dBS12
PhS12
dBS21
PhS21
dBS22
PhS22
0.1
-37.1
-179.6
-0.3
-6.6
-0.1
-6.6
-38.2
-175.6
0.3
-29.5
-138.2
-0.4
-38.4
-0.2
-38.5
-30.4
-142.8
0.6
-23.6
-161.5
-0.5
-69.9
-0.3
-70.0
-24.9
-167.2
0.8
-20.9
165.7
-0.7
-101.2
-0.4
-101.3
-21.7
162.5
1.1
-19.4
132.7
-0.8
-132.2
-0.6
-132.3
-20.2
128.2
1.3
-18.5
97.0
-1.0
-163.1
-0.7
-163.3
-19.7
88.9
1.6
-18.3
59.1
-1.1
166.0
-0.8
165.9
-19.8
51.6
1.8
-18.1
21.7
-1.3
135.1
-0.9
135.1
-20.1
9.4
2.1
-17.6
-21.1
-1.5
104.4
-1.1
104.4
-20.1
-35.9
2.3
-17.3
-65.1
-1.8
74.5
-1.4
74.4
-20.9
-82.3
2.6
-17.4
-104.4
-1.9
44.5
-1.6
44.3
-21.9
-124.1
2.8
-17.2
-149.2
-2.1
15.8
-1.7
15.8
-24.3
-174.8
3.1
-18.2
170.3
-2.1
-13.4
-1.7
-13.5
-28.0
162.0
3.3
-20.2
136.6
-2.2
-42.8
-1.7
-42.9
-28.5
140.1
3.6
-24.0
111.5
-2.1
-72.4
-1.6
-72.4
-28.1
139.0
3.8
-30.3
127.1
-1.9
-101.7
-1.4
-101.8
-24.7
123.8
4.1
-24.8
136.4
-1.7
-132.6
-1.3
-132.8
-24.7
107.7
4.3
-21.7
109.3
-1.7
-164.0
-1.2
-164.1
-24.9
91.7
4.6
-21.2
76.0
-1.7
164.8
-1.2
164.7
-25.6
73.2
4.8
-22.0
53.0
-1.7
134.4
-1.2
134.2
-28.0
55.5
5.1
-23.0
17.5
-1.7
103.0
-1.2
103.0
-33.4
57.7
5.6
-37.2
-42.6
-1.8
41.3
-1.2
41.2
-25.2
88.6
6.1
-27.5
72.5
-1.9
-20.6
-1.3
-20.7
-18.7
41.6
6.6
-22.5
15.7
-2.1
-82.2
-1.4
-82.2
-16.6
-12.3
7.1
-21.8
-39.2
-2.2
-143.6
-1.5
-143.7
-17.1
-69.8
7.6
-25.3
-92.0
-2.2
154.7
-1.6
154.4
-19.5
-135.3
8.1
-34.5
-137.6
-2.3
92.8
-1.6
92.7
-22.5
140.9
8.6
-42.8
-79.4
-2.5
30.7
-1.7
30.6
-21.8
48.6
9.1
-39.7
54.8
-2.7
-31.3
-1.9
-31.3
-18.6
-15.6
9.6
-22.7
4.7
-2.9
-92.7
-2.1
-93.0
-16.2
-63.4
10.1
-16.6
-51.7
-3.0
-154.1
-2.2
-154.5
-14.5
-106.9
10.6
-14.3
-111.0
-3.3
145.1
-2.4
144.8
-14.0
-154.9
11.1
-14.8
-169.5
-3.3
84.9
-2.4
84.6
-15.6
151.2
11.6
-19.2
136.7
-3.3
23.1
-2.3
23.0
-20.6
80.3
12.1
-27.1
129.5
-3.3
-38.9
-2.3
-39.0
-24.2
-44.4
12.6
-22.9
119.9
-3.5
-100.6
-2.5
-100.9
-19.4
-136.8
13.1
-20.5
51.1
-3.6
-161.7
-2.6
-161.9
-17.0
170.4
13.6
-19.1
-36.2
-3.7
137.0
-2.6
136.8
-16.2
131.9
14.1
-17.5
-119.3
-3.8
75.9
-2.6
75.9
-15.9
94.9
14.6
-17.2
169.7
-3.8
14.9
-2.7
14.4
-16.5
51.6
15.1
-18.1
109.2
-3.8
-46.3
-2.6
-46.8
-18.5
1.9
15.6
-17.8
54.7
-3.6
-107.1
-2.5
-108.4
-23.5
-51.3
16.1
-16.9
5.5
-3.6
-171.2
-2.5
-171.2
-31.2
-137.2
16.6
-15.2
-41.7
-4.0
127.1
-2.8
128.1
-26.1
98.4
17.1
-13.3
-87.4
-3.9
65.7
-2.5
66.7
-19.0
27.8
17.6
-12.5
-129.1
-4.0
2.7
-2.7
2.5
-14.7
-44.0
18.1
-12.2
-172.3
-4.0
-58.9
-2.7
-59.1
-12.6
-111.5
18.6
-13.1
140.3
-4.1
-121.3
-2.8
-121.3
-13.1
-171.5
19.1
-17.0
85.1
-4.1
176.6
-2.7
176.9
-17.2
141.7
19.6
-28.5
-0.5
-4.1
113.2
-2.6
113.8
-22.7
138.9


Similar Part No. - CHT4660-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4660-QAG UMS-CHT4660-QAG Datasheet
443Kb / 18P
   DC-16GHz Attenuator
More results

Similar Description - CHT4660-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4660-QAG UMS-CHT4660-QAG Datasheet
443Kb / 18P
   DC-16GHz Attenuator
CHT4016-99F UMS-CHT4016-99F_15 Datasheet
603Kb / 10P
   4-16GHz 6-bit digital attenuator
CHT4016 UMS-CHT4016 Datasheet
1Mb / 10P
   4-16GHz 6-BIT DIGITAL ATTENUATOR GaAs Monolithic Microwave IC
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
   7-16GHz Medium Power Amplifier
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
   12-16GHz Integrated Down Converter
logo
Dielectric Laboratories...
B161LA0S DILABS-B161LA0S Datasheet
184Kb / 2P
   16GHz Surface Mount Bandpass Filter
H160XHXS DILABS-H160XHXS Datasheet
254Kb / 2P
   16GHz Surface Mount Highpass Filter
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
   7-16GHz Medium Power Amplifier
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
   7-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com