Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3167 Datasheet(PDF) 11 Page - Texas Instruments

Part # TS5A3167
Description  0.9-廓 SPST ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3167 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A3167_15 Datasheet HTML 7Page - Texas Instruments TS5A3167_15 Datasheet HTML 8Page - Texas Instruments TS5A3167_15 Datasheet HTML 9Page - Texas Instruments TS5A3167_15 Datasheet HTML 10Page - Texas Instruments TS5A3167_15 Datasheet HTML 11Page - Texas Instruments TS5A3167_15 Datasheet HTML 12Page - Texas Instruments TS5A3167_15 Datasheet HTML 13Page - Texas Instruments TS5A3167_15 Datasheet HTML 14Page - Texas Instruments TS5A3167_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
0.5
1
1.5
0
−0.5
−1
−1.5
0.5
1
0
2
3.5
2.5
3
4
4.5
5
1.5
V+ = 3.3 V
V+ = 5 V
Bias Voltage (V)
tON
tOFF
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
V+ (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCOM (V)
TA = 85_C
TA = 25_C
TA = −40_C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
14
−60
−40
−20
0
20
40
60
80
100
TA (°C)
INO/NC(OFF)
INO/NC(ON)
ICOM(ON)
ICOM(OFF)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCOM (V)
V+ = 1.8 V
V+ = 2.5 V
V+ = 3.3 V
V+ = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCOM (V)
TA = 85_C
TA = 25_C
TA = −40_C
0
0.5
1
1.5
2
2.5
3
TS5A3167
www.ti.com
SCDS187A – FEBRUARY 2005 – REVISED OCTOBER 2012
TYPICAL PERFORMANCE
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3 V)
Figure 3. ron vs VCOM (V+ = 5 V)
Figure 4. Leakage Current vs Temperature (V+ = 5.5 V)
Figure 5. Charge Injection (QC) vs VCOM
Figure 6. tON and tOFF vs Supply Voltage
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS5A3167


Similar Part No. - TS5A3167_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3167DBVR TI-TS5A3167DBVR Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A3167DBVR TI-TS5A3167DBVR Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
TS5A3167DBVRE4 TI-TS5A3167DBVRE4 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
TS5A3167DBVRG4 TI-TS5A3167DBVRG4 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
TS5A3167DCKR TI-TS5A3167DCKR Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
More results

Similar Description - TS5A3167_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com