Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1109 Datasheet(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1109
Description  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1109 Datasheet(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1109_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Dec 08
9
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
Fig.18 Cross-modulation test set-up.
handbook, full pagewidth
BF1109
BF1109R
BF1109WR
MDA626
Rgen
50
50
R1 =
50
10 k
G2
G1
D
S
10 nF
Vi
10 nF
4.7 nF
47
µH
4.7 nF
VG2
VDS
Table 1
Scattering parameters: VDS = 9 V; VG2-S = 4 V; ID =12mA
Table 2
Noise data: VDS = 9 V; VG2-S = 4 V; ID =12mA
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.995
−3.71
3.013
175.0
0.000
88.2
0.998
−1.8
100
0.992
−7.29
3.002
170.2
0.001
83.7
0.997
−3.5
200
0.984
−14.3
2.967
160.7
0.002
86.2
0.995
−7.0
300
0.973
−21.2
2.922
151.3
0.002
83.2
0.992
−10.5
400
0.961
−27.9
2.869
142.0
0.003
84.1
0.990
−13.9
500
0.944
−34.4
2.793
132.9
0.003
85.7
0.987
−17.2
600
0.926
−40.8
2.730
124.1
0.003
88.4
0.985
−20.5
700
0.906
−46.9
2.660
1115.3
0.003
94.6
0.983
−23.7
800
0.887
−52.9
2.605
106.5
0.004
107.2
0.981
−26.8
900
0.868
−58.8
2.527
97.8
0.004
114.9
0.977
−30.0
1000
0.852
−64.3
2.457
89.6
0.004
129.7
0.9377
−33.1
f
(MHz)
Fmin
(dB)
Γopt
Rn
(
Ω)
(ratio)
(deg)
800
1.5
0.684
40.94
40.4


Similar Part No. - BF1109_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1109R PHILIPS-BF1109R Datasheet
145Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109R NXP-BF1109R Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109WR PHILIPS-BF1109WR Datasheet
145Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109WR NXP-BF1109WR Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
logo
Quanzhou Jinmei Electro...
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results

Similar Description - BF1109_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com