Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R4-40YLD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN1R4-40YLD
Description  N-channel 40 V 1.4 m廓 logic level MOSFET in LFPAK56 using NextPower-S3 technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R4-40YLD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN1R4-40YLD_15 Datasheet HTML 4Page - NXP Semiconductors PSMN1R4-40YLD_15 Datasheet HTML 5Page - NXP Semiconductors PSMN1R4-40YLD_15 Datasheet HTML 6Page - NXP Semiconductors PSMN1R4-40YLD_15 Datasheet HTML 7Page - NXP Semiconductors PSMN1R4-40YLD_15 Datasheet HTML 8Page - NXP Semiconductors PSMN1R4-40YLD_15 Datasheet HTML 9Page - NXP Semiconductors PSMN1R4-40YLD_15 Datasheet HTML 10Page - NXP Semiconductors PSMN1R4-40YLD_15 Datasheet HTML 11Page - NXP Semiconductors PSMN1R4-40YLD_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NXP Semiconductors
PSMN1R4-40YLD
N-channel 40 V 1.4 mΩ logic level MOSFET in LFPAK56 using
NextPower-S3 technology
PSMN1R4-40YLD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
26 August 2014
8 / 13
aaa-013035
0
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
250
300
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
Fig. 9. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
aaa-013038
0
60
120
180
240
300
0
2
4
6
8
10
ID (A)
RDSon
RDSon
(mΩ)
(mΩ)
2.8 V
2.8 V
3 V
3 V
3.5 V
3.5 V
4.5 V
4.5 V
10 V
10 V
Tj = 25 °C
Fig. 10. Drain-source on-state resistance as a function
of drain current; typical values
aaa-013039
-60
-30
0
30
60
90
120 150 180
0
0.4
0.8
1.2
1.6
2
Tj (°C)
aa
10 V
10 V
VGS = 4.5 V
VGS = 4.5 V
Fig. 11. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aaa508
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 12. Gate charge waveform definitions


Similar Part No. - PSMN1R4-40YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R4-40YLD NEXPERIA-PSMN1R4-40YLD Datasheet
302Kb / 13P
   N-channel 40 V, 1.4 m廓, 240 A logic level MOSFET in LFPAK56 using NextPower-S3 technology
More results

Similar Description - PSMN1R4-40YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R4-40YLD NEXPERIA-PSMN1R4-40YLD Datasheet
302Kb / 13P
   N-channel 40 V, 1.4 m廓, 240 A logic level MOSFET in LFPAK56 using NextPower-S3 technology
logo
NXP Semiconductors
PSMN1R0-40YLD PHILIPS-PSMN1R0-40YLD_15 Datasheet
296Kb / 13P
   N-channel 40 V 1.1 m廓 logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
25 August 2014
logo
Nexperia B.V. All right...
PSMN1R0-40YLD NEXPERIA-PSMN1R0-40YLD Datasheet
269Kb / 14P
   N-channel 40 V, 1.1 m廓, 280 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
PSMN1R4-30YLD NEXPERIA-PSMN1R4-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 1.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN1R4-30YLD PHILIPS-PSMN1R4-30YLD_15 Datasheet
294Kb / 13P
   N-channel 30 V, 1.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
30 May 2014
PSMN1R8-40YLC NXP-PSMN1R8-40YLC Datasheet
241Kb / 14P
   N-channel 40 V 1.8 m廓 logic level MOSFET in LFPAK using NextPower technology
22 August 2012
PSMN1R6-40YLC NXP-PSMN1R6-40YLC Datasheet
239Kb / 14P
   N-channel 40 V 1.55 m廓 logic level MOSFET in LFPAK using NextPower technology
22 August 2012
PSMN1R8-40YLC PHILIPS-PSMN1R8-40YLC_15 Datasheet
241Kb / 14P
   N-channel 40 V 1.8 m廓 logic level MOSFET in LFPAK using NextPower technology
22 August 2012
logo
Nexperia B.V. All right...
PSMN8R5-40MLD NEXPERIA-PSMN8R5-40MLD Datasheet
300Kb / 12P
   N-channel 40 V, 8.5 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
10 February 2020
logo
NXP Semiconductors
PSMN1R6-40YLC PHILIPS-PSMN1R6-40YLC_15 Datasheet
239Kb / 14P
   N-channel 40 V 1.55 m廓 logic level MOSFET in LFPAK using NextPower technology
22 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com