Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU2006L Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # GBU2006L
Description  Ideal for printed circuit board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBU2006L Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  GBU2006L Datasheet HTML 1Page - HY ELECTRONIC CORP. GBU2006L Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
GBU2006L
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
REV. 2, 18-Aug-2015
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ=25
°C
10
1.0
0.1
0.01
0
40
60
80
100
120
140
20
FIG.1-MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
400
350
300
250
200
1500
100
50
0
10
100
1
CASW TEMPERATURE,℃
FIG.2- DERATING CURVE
OUTPUT RECTIFIED CURRENT
0
10
40
30
50
100
150
20
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
10.0
100
1.0
1.0
10
100
TJ=25
°C,f=1MHZ
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
20.0
0
0.2
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
TJ = 25
°C
PULSE WIDTH 300us


Similar Part No. - GBU2006L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
GBU2006 FORMOSA-GBU2006 Datasheet
360Kb / 2P
   Barrier Rectifier
logo
SeCoS Halbleitertechnol...
GBU2006 SECOS-GBU2006 Datasheet
423Kb / 2P
   Voltage 50V ~ 1000V 20Amp Glass Passivated Bridge Rectifiers
logo
HY ELECTRONIC CORP.
GBU2006 HY-GBU2006 Datasheet
424Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
GBU2006 YFWDIODE-GBU2006 Datasheet
518Kb / 3P
   20A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
RFE international
GBU2006 RFE-GBU2006 Datasheet
1,011Kb / 3P
   Bridge Rectifiers
12-28-2022
More results

Similar Description - GBU2006L

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
   Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
   Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
   Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
   Ideal for printed circuit board
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W Datasheet
391Kb / 2P
   Ideal for printed circuit board
logo
GeneSiC Semiconductor, ...
DB107G GENESIC-DB107G Datasheet
311Kb / 3P
   Ideal for printed circuit board
logo
HY ELECTRONIC CORP.
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
   Ideal for printed circuit board
GBJ1006F HY-GBJ1006F Datasheet
46Kb / 2P
   Ideal for printed circuit board
logo
Suntan Capacitors
BR25005 SUNTAN-BR25005 Datasheet
609Kb / 2P
   Ideal for printed circuit board
KBPC35005W SUNTAN-KBPC35005W Datasheet
505Kb / 2P
   Ideal for printed circuit board
KBU6005 SUNTAN-KBU6005 Datasheet
347Kb / 2P
   Ideal for printed circuit board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com