Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT3091AQAG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHT3091AQAG
Description  DC-12GHz ATTENUATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT3091AQAG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHT3091AQAG Datasheet HTML 1Page - United Monolithic Semiconductors CHT3091AQAG Datasheet HTML 2Page - United Monolithic Semiconductors CHT3091AQAG Datasheet HTML 3Page - United Monolithic Semiconductors CHT3091AQAG Datasheet HTML 4Page - United Monolithic Semiconductors CHT3091AQAG Datasheet HTML 5Page - United Monolithic Semiconductors CHT3091AQAG Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHT3091aQAG
RoHS COMPLIANT
Ref. : DSCHT3091aQAG0211 - 30 Jul 2010
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
DC-12GHz ATTENUATOR
GaAs Monolithic Microwave IC in SMD leadless package
Description
The CHT3091aQAG is a variable DC-12GHz
attenuator designed for a wide range of
applications,
from
military to commercial
communication systems.
It is supplied in lead-free SMD package.
Main Features
■ Broadband performances: DC-12GHz
■ 15dBm typical input 1dB compression point
(any attenuation)
■ DC bias: -5V<VS<0V ; -5V<VP<0V
■ Package type: 16Leads QFN3x3
-25
-20
-15
-10
-5
0
2
3
4
5
6
7
8
9
10
11
12
13
14
Frequency (GHz)
S11dBmin_Board
S21dBmin_Board
S11dBmax_Board
S21dBmax_Board
S21dBmin_Pkg
S21dBmax_Pkg
PCB Measured performances @ 20°C
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
DC
12
GHz
Min Att.
Minimum attenuation |S21| (VS=0V;VP=-5V)
3
4
dB
Max Att.
Maximum attenuation |S21|(VS=-5V;VP=0V)
20
23
dB
Pin1dB
Input 1dB compression point.(any Att)
14
dBm
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!


Similar Part No. - CHT3091AQAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091AQAG UMS-CHT3091AQAG Datasheet
322Kb / 6P
   DC-12GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG Datasheet
277Kb / 6P
   DC-12GHz ATTENUATOR
CHT3091AQAG20 UMS-CHT3091AQAG20 Datasheet
277Kb / 6P
   DC-12GHz ATTENUATOR
CHT3091AQAG21 UMS-CHT3091AQAG21 Datasheet
277Kb / 6P
   DC-12GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG_10 Datasheet
277Kb / 6P
   DC-12GHz ATTENUATOR
More results

Similar Description - CHT3091AQAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091AQAG UMS-CHT3091AQAG_10 Datasheet
277Kb / 6P
   DC-12GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG Datasheet
322Kb / 6P
   DC-12GHz ATTENUATOR
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-300 RFMD-NBB-300 Datasheet
566Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302 RFMD-NBB-302_13 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-310 RFMD-NBB-310_13 Datasheet
557Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com