Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1208 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1208
Description  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1208 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1208_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
Product profile
1.1 General description
The BF1208 is a combination of two dual gate MOSFET amplifiers with shared source
and gate2 leads and an integrated switch. The integrated switch is operated by the gate1
bias of amplifier B.
The source and substrate are interconnected. Internal bias circuits enable
DC stabilization and a very good cross-modulation performance during Automatic Gain
Control (AGC). Integrated diodes between the gates and source protect against excessive
input voltage surges. The transistor has a SOT666 micro-miniature plastic package.
1.2 Features
s Two low noise gain controlled amplifiers in a single package. One with a fully
integrated bias and one with a partly integrated bias
s Internal switch to save external components
s Superior cross-modulation performance during AGC
s High forward transfer admittance
s High forward transfer admittance to input capacitance ratio
1.3 Applications
s Gain controlled low noise amplifiers for VHF and UHF applications with 5 V supply
voltage
x digital and analog television tuners
x professional communication equipment
BF1208
Dual N-channel dual gate MOSFET
Rev. 01 — 16 March 2005
Product data sheet
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.
MSC895


Similar Part No. - BF1208_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1208D NXP-BF1208D Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
More results

Similar Description - BF1208_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com