Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN2R5-60PL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN2R5-60PL
Description  N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R5-60PL Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN2R5-60PL_15 Datasheet HTML 1Page - NXP Semiconductors PSMN2R5-60PL_15 Datasheet HTML 2Page - NXP Semiconductors PSMN2R5-60PL_15 Datasheet HTML 3Page - NXP Semiconductors PSMN2R5-60PL_15 Datasheet HTML 4Page - NXP Semiconductors PSMN2R5-60PL_15 Datasheet HTML 5Page - NXP Semiconductors PSMN2R5-60PL_15 Datasheet HTML 6Page - NXP Semiconductors PSMN2R5-60PL_15 Datasheet HTML 7Page - NXP Semiconductors PSMN2R5-60PL_15 Datasheet HTML 8Page - NXP Semiconductors PSMN2R5-60PL_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
PSMN2R5-60PL
N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
PSMN2R5-60PL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
27 February 2013
5 / 13
003aaf570
single shot
0.2
0.1
0.05
10-3
10-2
10-1
1
10-6
10-5
10-4
10-3
10-2
10-1
1
tp (s)
Zth(j-mb)
(K/W)
= 0.5
0.02
tp
T
P
t
tp
T
Fig. 5. Transient thermal impedance from junction to mounting base as a function of pulse duration.
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ID = 250 µA; VGS = 0 V; Tj = 25 °C
60
-
-
V
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = -55 °C
54
-
-
V
ID = 1 mA; VDS = VGS; Tj = 25 °C;
Fig. 9; Fig. 10
1.4
1.7
2.1
V
ID = 1 mA; VDS = VGS; Tj = -55 °C;
Fig. 9
-
-
2.45
V
VGS(th)
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = 175 °C;
Fig. 9
0.5
-
-
V
VDS = 60 V; VGS = 0 V; Tj = 25 °C
-
0.08
1
µA
IDSS
drain leakage current
VDS = 60 V; VGS = 0 V; Tj = 175 °C
-
-
500
µA
VGS = 16 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
IGSS
gate leakage current
VGS = -16 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 11
-
2
2.6
VGS = 4.5 V; ID = 25 A; Tj = 25 °C;
Fig. 11
-
2.3
3.15
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 175 °C;
Fig. 12; Fig. 11
-
-
5.6
RG
gate resistance
f = 1 MHz
0.5
1
2
Ω


Similar Part No. - PSMN2R5-60PL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R5-60PL NXP-PSMN2R5-60PL Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
7 February 2013
logo
Inchange Semiconductor ...
PSMN2R5-60PL ISC-PSMN2R5-60PL Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R5-60PL NEXPERIA-PSMN2R5-60PL Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
27 February 2013
More results

Similar Description - PSMN2R5-60PL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R5-60PL NXP-PSMN2R5-60PL Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN2R6-60PS NXP-PSMN2R6-60PS Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 standard level MOSFET in SOT78
5 February 2013
PSMN2R6-60PS PHILIPS-PSMN2R6-60PS_15 Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 standard level MOSFET in SOT78
5 February 2013
logo
Nexperia B.V. All right...
PSMN2R5-60PL NEXPERIA-PSMN2R5-60PL Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
27 February 2013
logo
NXP Semiconductors
PSMN3R3-60PL NXP-PSMN3R3-60PL Datasheet
263Kb / 13P
   N-channel 60 V, 3.4 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN4R2-60PL NXP-PSMN4R2-60PL Datasheet
262Kb / 13P
   N-channel 60 V, 3.9 m廓 logic level MOSFET in SOT78
5 February 2013
logo
Nexperia B.V. All right...
PSMN2R6-60PS NEXPERIA-PSMN2R6-60PS Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ standard level MOSFET in SOT78
5 February 2013
logo
NXP Semiconductors
PSMN1R9-40PL PHILIPS-PSMN1R9-40PL_15 Datasheet
263Kb / 13P
   N-channel 40 V, 1.7 m廓 logic level MOSFET in SOT78
1 February 2013
logo
Nexperia B.V. All right...
PSMN1R9-40PL NEXPERIA-PSMN1R9-40PL Datasheet
735Kb / 13P
   N-channel 40 V, 1.7 m廓 logic level MOSFET in SOT78
logo
NXP Semiconductors
PSMN2R1-40PL NXP-PSMN2R1-40PL Datasheet
263Kb / 13P
   N-channel 40 V, 2.2 m廓 logic level MOSFET in SOT78
1 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com