Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG25AX Datasheet(PDF) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG25AX
Description  NPN 5 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG25AX Datasheet(HTML) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG25AX_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG25AX_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG25AX_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG25AX_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG25AX_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG25AX_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG25AX_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG25AX_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG25AX_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1997 Oct 29
11
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG25A/X
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - BFG25AX_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG25AX_2015 JMNIC-BFG25AX_2015 Datasheet
105Kb / 12P
   NPN 5 GHz wideband transistor
More results

Similar Description - BFG25AX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
   NPN 5 GHz wideband transistor
2000 Mar 28
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
logo
Quanzhou Jinmei Electro...
BFR106_2015 JMNIC-BFR106_2015 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com