Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV2240 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHV2240
Description  Multifunction K-band VCO and Q-band Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV2240 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHV2240_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHV2240_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHV2240_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHV2240_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHV2240_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHV2240_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHV2240_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHV2240_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
K-band VCO / Q-band Multiplier
CHV2240
Ref. :DSCHV22409336 - 02 Dec 09
5/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Proposed external high Q resonator
This chip has been especially designed to be coupled to a high Q dielectric resonator. The
resonance is given by a dielectric cylinder coupled to a 50
Ω line. The size of the resonator
gives the centre frequency and the space between the resonator and the line gives the
loaded quality factor. The following drawing shows an example of external configuration.
Dielectric
resonator
Alumina substrate : thickness=250µm
50 Ohm resistance
via hole
3xl
2xl
d
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Additional information
Resonator reference example = MURATA /DRD036EC016. As the exact
frequency is given by the resonator size but also by the environment (cavity size,
substrate characteristics, parasitic couplings …), the final dimensions of the
resonator have to be defined according to the definitive module design. Other kind
of resonators can be used (from TEKELEC or TRANS-TECH). The temperature
coefficient has to be chosen according to the environment.
Resonator coupling: d=0.2 to 0.3mm, l=1.5mm (quarter wave). These values
have been used in the test fixture, of course they can be modified if the
environment is different. The distance between the resonator and the edge of the
substrate (close to MMIC) is proposed to be 3xl=4.5mm (3 quarter waves),
theoretically only one is necessary but in this case the distance between resonator
and MMIC is too low for automatic assembly.
50
Ω line width on alumina (heigth=0.25mm) = 0.238mm
50
Ω load on alumina: this load has to be as good as possible (low parasitic
inductance).
Cavity size (mm) : 18 x 17 x 7
Recommendation for Frequency stability
In order to ensure a good frequency stability (versus temperature, external resonator
aging,…), it is recommended to use an external frequency locked loop with a low frequency
loop filter (below modulation frequency), or a PLL for both frequency modulation and
stability.


Similar Part No. - CHV2240_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2240-99F/00 UMS-CHV2240-99F/00 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
More results

Similar Description - CHV2240_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
CHV2242A UMS-CHV2242A Datasheet
812Kb / 8P
   Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2242C UMS-CHV2242C Datasheet
517Kb / 9P
   Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A_15 Datasheet
112Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243 UMS-CHV2243 Datasheet
99Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU3377 UMS-CHU3377 Datasheet
183Kb / 6P
   W-band Multifunction: Multiplier / MPA
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com