Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN6R1-30YLD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN6R1-30YLD
Description  N-channel 30 V, 6.1 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN6R1-30YLD Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN6R1-30YLD_15 Datasheet HTML 1Page - NXP Semiconductors PSMN6R1-30YLD_15 Datasheet HTML 2Page - NXP Semiconductors PSMN6R1-30YLD_15 Datasheet HTML 3Page - NXP Semiconductors PSMN6R1-30YLD_15 Datasheet HTML 4Page - NXP Semiconductors PSMN6R1-30YLD_15 Datasheet HTML 5Page - NXP Semiconductors PSMN6R1-30YLD_15 Datasheet HTML 6Page - NXP Semiconductors PSMN6R1-30YLD_15 Datasheet HTML 7Page - NXP Semiconductors PSMN6R1-30YLD_15 Datasheet HTML 8Page - NXP Semiconductors PSMN6R1-30YLD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PSMN6R1-30YLD
N-channel 30 V, 6.1 mΩ logic level MOSFET in LFPAK56
using NextPowerS3 Technology
19 September 2014
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Logic level gate drive N-channel enhancement mode MOSFET in LFPAK56 package.
NextPowerS3 portfolio utilising NXP’s unique “SchottkyPlus” technology delivers
high efficiency, low spiking performance usually associated with MOSFETs with an
integrated Schottky or Schottky-like diode but without problematic high leakage current.
NextPowerS3 is particularly suited to high efficiency applications at high switching
frequencies.
2. Features and benefits
Ultra low QG, QGD and QOSS for high system efficiency, especially at higher switching
frequencies
Superfast switching with soft-recovery; s-factor > 1
Low spiking and ringing for low EMI designs
Unique “SchottkyPlus” technology; Schottky-like performance with < 1 µA leakage at
25 °C
Optimised for 4.5 V gate drive
Low parasitic inductance and resistance
High reliability clip bonded and solder die attach Power SO8 package; no glue, no
wire bonds, qualified to 175 °C
Wave solderable; exposed leads for optimal visual solder inspection
3. Applications
On-board DC-to-DC solutions for server and telecommunications
Secondary-side synchronous rectification in telecommunication applications
Voltage regulator modules (VRM)
Point-of-Load (POL) modules
Power delivery for V-core, ASIC, DDR, GPU, VGA and system components
Brushed and brushless motor control
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
25 °C ≤ Tj ≤ 175 °C
-
-
30
V
ID
drain current
Tmb = 25 °C; VGS = 10 V; Fig. 2
-
-
66
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 1
-
-
47
W


Similar Part No. - PSMN6R1-30YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN6R1-30YLD NEXPERIA-PSMN6R1-30YLD Datasheet
757Kb / 13P
   N-channel 30 V, 6.1 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
More results

Similar Description - PSMN6R1-30YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN6R1-30YLD NEXPERIA-PSMN6R1-30YLD Datasheet
757Kb / 13P
   N-channel 30 V, 6.1 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN2R4-30YLD NEXPERIA-PSMN2R4-30YLD Datasheet
724Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN1R4-30YLD NEXPERIA-PSMN1R4-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 1.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN1R0-30YLD PHILIPS-PSMN1R0-30YLD_15 Datasheet
243Kb / 13P
   N-channel 30 V, 1.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
19 September 2014
PSMN2R4-30YLD PHILIPS-PSMN2R4-30YLD_15 Datasheet
289Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
7 February 2014
PSMN1R2-30YLD PHILIPS-PSMN1R2-30YLD_15 Datasheet
294Kb / 13P
   N-channel 30 V, 1.2 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
30 May 2014
PSMN2R0-30YLD PHILIPS-PSMN2R0-30YLD_15 Datasheet
239Kb / 13P
   N-channel 30 V, 2.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
11 December 2014
logo
Nexperia B.V. All right...
PSMN3R0-30YLD NEXPERIA-PSMN3R0-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN7R5-30YLD PHILIPS-PSMN7R5-30YLD_15 Datasheet
291Kb / 13P
   N-channel 30 V, 7.5 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
7 February 2014
PSMN6R0-30YLD PHILIPS-PSMN6R0-30YLD_15 Datasheet
332Kb / 13P
   N-channel 30 V, 6.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
10 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com