Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMZ290UNE2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMZ290UNE2
Description  20 V, N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZ290UNE2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMZ290UNE2_15 Datasheet HTML 5Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 6Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 7Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 8Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 9Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 10Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 11Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 12Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NXP Semiconductors
PMZ290UNE2
20 V, N-channel Trench MOSFET
PMZ290UNE2
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
24 March 2015
9 / 16
QG (nC)
0
1.0
0.5
aaa-017061
2
3
1
4
5
VGS
(V)
0
VDS = 10 V; ID = 0.5 A
Tamb = 25 °C
Fig. 14. Gate-source voltage as a function of gate
charge; typical values
003aaa508
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 15. Gate charge waveform definitions
VSD (V)
0
2.0
1.6
0.8
1.2
0.4
aaa-017062
4
IS
(A)
0
1
2
3
Tj = 150 °C
Tj = 25 °C
VGS = 0 V
Fig. 16. Source current as a function of source-drain voltage; typical values


Similar Part No. - PMZ290UNE2_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ290UNE2 NEXPERIA-PMZ290UNE2 Datasheet
719Kb / 16P
   20 V, N-channel Trench MOSFET
More results

Similar Description - PMZ290UNE2_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV16XN NEXPERIA-PMV16XN Datasheet
724Kb / 15P
   20 V, N-channel Trench MOSFET
PMV30UN2 NEXPERIA-PMV30UN2 Datasheet
733Kb / 15P
   20 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB43UNE PHILIPS-PMXB43UNE_15 Datasheet
253Kb / 15P
   20 V, N-channel Trench MOSFET
19 September 2013
PMV16XN PHILIPS-PMV16XN_15 Datasheet
263Kb / 15P
   20 V, N-channel Trench MOSFET
11 November 2014
PMZB150UNE PHILIPS-PMZB150UNE_15 Datasheet
228Kb / 15P
   20 V, N-channel Trench MOSFET
24 March 2015
logo
Nexperia B.V. All right...
PMZ600UNE NEXPERIA-PMZ600UNE Datasheet
726Kb / 15P
   20 V, N-channel Trench MOSFET
PMCM4401UNE NEXPERIA-PMCM4401UNE Datasheet
269Kb / 15P
   20 V, N-channel Trench MOSFET
PMCM6501UNE NEXPERIA-PMCM6501UNE Datasheet
390Kb / 15P
   20 V, N-channel Trench MOSFET
PMPB23XNEA NEXPERIA-PMPB23XNEA Datasheet
299Kb / 14P
   20 V, N-channel Trench MOSFET
27 March 2018
BUK4D16-20 NEXPERIA-BUK4D16-20 Datasheet
318Kb / 15P
   20 V, N-channel Trench MOSFET
29 March 2021
logo
NXP Semiconductors
PMZ130UNE NXP-PMZ130UNE Datasheet
233Kb / 14P
   20 V, N-channel Trench MOSFET
12 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com