Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMZ290UNE2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMZ290UNE2
Description  20 V, N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZ290UNE2 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMZ290UNE2_15 Datasheet HTML 1Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 2Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 3Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 4Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 5Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 6Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 7Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 8Page - NXP Semiconductors PMZ290UNE2_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NXP Semiconductors
PMZ290UNE2
20 V, N-channel Trench MOSFET
PMZ290UNE2
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
24 March 2015
2 / 16
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
D
drain
3
1
2
Transparent
top view
DFN1006-3 (SOT883)
017aaa255
G
D
S
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMZ290UNE2
DFN1006-3
DFN1006-3: leadless ultra small plastic package; 3 solder lands SOT883
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMZ290UNE2
SC


Similar Part No. - PMZ290UNE2_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ290UNE2 NEXPERIA-PMZ290UNE2 Datasheet
719Kb / 16P
   20 V, N-channel Trench MOSFET
More results

Similar Description - PMZ290UNE2_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV16XN NEXPERIA-PMV16XN Datasheet
724Kb / 15P
   20 V, N-channel Trench MOSFET
PMV30UN2 NEXPERIA-PMV30UN2 Datasheet
733Kb / 15P
   20 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB43UNE PHILIPS-PMXB43UNE_15 Datasheet
253Kb / 15P
   20 V, N-channel Trench MOSFET
19 September 2013
PMV16XN PHILIPS-PMV16XN_15 Datasheet
263Kb / 15P
   20 V, N-channel Trench MOSFET
11 November 2014
PMZB150UNE PHILIPS-PMZB150UNE_15 Datasheet
228Kb / 15P
   20 V, N-channel Trench MOSFET
24 March 2015
logo
Nexperia B.V. All right...
PMZ600UNE NEXPERIA-PMZ600UNE Datasheet
726Kb / 15P
   20 V, N-channel Trench MOSFET
PMCM4401UNE NEXPERIA-PMCM4401UNE Datasheet
269Kb / 15P
   20 V, N-channel Trench MOSFET
PMCM6501UNE NEXPERIA-PMCM6501UNE Datasheet
390Kb / 15P
   20 V, N-channel Trench MOSFET
PMPB23XNEA NEXPERIA-PMPB23XNEA Datasheet
299Kb / 14P
   20 V, N-channel Trench MOSFET
27 March 2018
BUK4D16-20 NEXPERIA-BUK4D16-20 Datasheet
318Kb / 15P
   20 V, N-channel Trench MOSFET
29 March 2021
logo
NXP Semiconductors
PMZ130UNE NXP-PMZ130UNE Datasheet
233Kb / 14P
   20 V, N-channel Trench MOSFET
12 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com