Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCVE0060240 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # PLCVE0060240
Description  AC Input 90-305Vac
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

PLCVE0060240 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  PLCVE0060240 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. PLCVE0060240 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
*
(6)Load regulation measured from 20% to Full load.
(7)Line regulation measured from 100VAC to 277VAC.
(8)Preset accuracy measured at normal load, 120VAC input.
※Reference
◆ ROHS Compliant
◆ Satety: Meet UL / Meet TUV
◆ EMC: Meet CE / FCC
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 170 * 53 * 32 mm
◆ Dimension (L*W*H): 6.69 * 2.09 * 1.26 inch
LCVE-060 240
1
◆ AC Input 90~305Vac
◆ Protection: SCP / OVP / OTP / OCP
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Power Factor:>0.98@115Vac;>0.92@230Vac;@full load
min.
nrom.
max.
24
I/P-O/P:3.75KVAC, O/P-Grnd:0.5KVAC, I/P-Grnd:1.88KVAC
I/P-O/P, I/P-FG,O/P-FG :100M Ohms / 500VDC / 25℃ / 70% RH
170 * 53 * 32 mm【6.69 * 2.09 * 1.26 inch】
Meet UL879 & Meet UL60950-1 / Meet TUV EN61347-2-13
Meet CE EN55015 / FCC Part15
DIMENSIONS (L*W*H)
(9)100% Production Tested.
(5)Minimum load is NOT required for proper operation .
NOTES: (1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
ISOLATION RESISTANCE
OPERATING TEMP.*(4)
HOLD UP TIME
OVER TEMP. PROTECTION
SAFETY
EMI
WITHSTAND VOLTAGE
OVER CURRENT PROTECTION
LEAKAGE CURRENT
OVER V, PROTECTION
SHORT CIRCUIT PROTECTION
1A/115VAC
COLD START 50A @ 230VAC
AC CURRENT
INRUSH CURRENT (typ)
*(9)
<0.7mA/230VAC
Module : LCVE-060 240
FEATURES
PRESET ACCURACY (%) *(8)
> 25ms at full load 115VAC/230VAC
TEMP. COEFFICIENT
STORAGE TEMPERATURE
130%~160% rated output power ; Hiccp mode
-20 to +60℃@full load
-40 to +80℃
RELATIVE HUMIDITY
10 to +90%, non-cond.
0.03% / ℃ (0-50℃, typ)
OUTPUT CURRENT(A) *(5)
O/P NOISE (P-P, mV) *(3)
LOAD REGULATION (%) *(6)
1
2.5
DC OUTPUT POWER
EFFICIENCY(typ @Full Load)
ACTIVE POWER FACTOR
SETUP,RISE TIME(typ.)
INPUT VOLTAGE RANGE
INPUT FREQUENCY
Range:47-63Hz, Normal:50-60Hz
PF>0.98 @115VAC, PF>0.92@230VAC at full load and rated output voltage
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(7)
1300ms,500ms at full load 115VAC/230VAC
90-305VAC, 127-431VDC, Normal:100-277VAC
87%
60 W
240
1
Model NO.
Part NO.
LED Power Supply
170 * 53 * 32 mm【6.69 * 2.09 * 1.26 inch】
LCVE-060 240
PLCVE0060 240
Model Name
SIZE
shut down and latch off o/p voltage , re-power on to recover
The SCP and OVP will restart automatically after the fault condition is removed
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Similar Part No. - PLCVE0060240

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCVE0060125 LINKCOM-PLCVE0060125 Datasheet
214Kb / 2P
   AC Input 90-305Vac
More results

Similar Description - PLCVE0060240

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0045951 LINKCOM-PLCCE0045951 Datasheet
180Kb / 2P
   AC Input 90-305Vac
PLCVE0060125 LINKCOM-PLCVE0060125 Datasheet
214Kb / 2P
   AC Input 90-305Vac
PLCCE0020851 LINKCOM-PLCCE0020851 Datasheet
113Kb / 2P
   AC Input 90-305Vac
PLCCE0025152 LINKCOM-PLCCE0025152 Datasheet
114Kb / 2P
   AC Input 90-305Vac
PLCCE0040342 LINKCOM-PLCCE0040342 Datasheet
180Kb / 2P
   AC Input 90-305Vac
PLCCE0020122 LINKCOM-PLCCE0020122 Datasheet
114Kb / 2P
   AC Input 90-305Vac
PLCCE0017501 LINKCOM-PLCCE0017501 Datasheet
105Kb / 2P
   AC Input 90-305Vac
PLCCE0020172 LINKCOM-PLCCE0020172 Datasheet
114Kb / 2P
   AC Input 90-305Vac
PLCCE0025122 LINKCOM-PLCCE0025122 Datasheet
113Kb / 2P
   AC Input 90-305Vac
PLCCE0025801 LINKCOM-PLCCE0025801 Datasheet
112Kb / 2P
   AC Input 90-305Vac
PLCCE0045192 LINKCOM-PLCCE0045192 Datasheet
180Kb / 2P
   AC Input 90-305Vac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com