Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMZ290UNE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMZ290UNE
Description  20 V, N-channel Trench MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZ290UNE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMZ290UNE_15 Datasheet HTML 2Page - NXP Semiconductors PMZ290UNE_15 Datasheet HTML 3Page - NXP Semiconductors PMZ290UNE_15 Datasheet HTML 4Page - NXP Semiconductors PMZ290UNE_15 Datasheet HTML 5Page - NXP Semiconductors PMZ290UNE_15 Datasheet HTML 6Page - NXP Semiconductors PMZ290UNE_15 Datasheet HTML 7Page - NXP Semiconductors PMZ290UNE_15 Datasheet HTML 8Page - NXP Semiconductors PMZ290UNE_15 Datasheet HTML 9Page - NXP Semiconductors PMZ290UNE_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NXP Semiconductors
PMZ290UNE
20 V, N-channel Trench MOSFET
PMZ290UNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
14 May 2014
6 / 14
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = 25 °C
20
-
-
V
VGSth
gate-source threshold
voltage
ID = 250 µA; VDS = VGS; Tj = 25 °C
0.5
0.75
0.95
V
VDS = 20 V; VGS = 0 V; Tj = 25 °C
-
-
1
µA
IDSS
drain leakage current
VDS = 20 V; VGS = 0 V; Tj = 150 °C
-
-
10
µA
VGS = 8 V; VDS = 0 V; Tj = 25 °C
-
-
2
µA
VGS = -8 V; VDS = 0 V; Tj = 25 °C
-
-
2
µA
VGS = 4.5 V; VDS = 0 V; Tj = 25 °C
-
-
500
nA
IGSS
gate leakage current
VGS = -4.5 V; VDS = 0 V; Tj = 25 °C
-
-
500
nA
VGS = 4.5 V; ID = 500 mA; Tj = 25 °C
-
290
380
VGS = 4.5 V; ID = 500 mA; Tj = 150 °C
-
460
610
VGS = 2.5 V; ID = 400 mA; Tj = 25 °C
-
420
620
RDSon
drain-source on-state
resistance
VGS = 1.8 V; ID = 100 mA; Tj = 25 °C
-
600
1100
gfs
forward
transconductance
VDS = 10 V; ID = 200 mA; Tj = 25 °C
-
1.6
-
S
Dynamic characteristics
QG(tot)
total gate charge
-
0.45
0.68
nC
QGS
gate-source charge
-
0.15
-
nC
QGD
gate-drain charge
VDS = 10 V; ID = 500 mA; VGS = 4.5 V;
Tj = 25 °C
-
0.15
-
nC
Ciss
input capacitance
-
55
83
pF
Coss
output capacitance
-
15
-
pF
Crss
reverse transfer
capacitance
VDS = 10 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
7
-
pF
td(on)
turn-on delay time
-
6
12
ns
tr
rise time
-
4
-
ns
td(off)
turn-off delay time
-
86
172
ns
tf
fall time
VDS = 10 V; RL = 250 Ω; VGS = 4.5 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
31
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 300 mA; VGS = 0 V; Tj = 25 °C
0.48
0.77
1.2
V


Similar Part No. - PMZ290UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ290UNE2 NEXPERIA-PMZ290UNE2 Datasheet
719Kb / 16P
   20 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMZ290UNE2 PHILIPS-PMZ290UNE2_15 Datasheet
230Kb / 16P
   20 V, N-channel Trench MOSFET
24 March 2015
More results

Similar Description - PMZ290UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV16XN NEXPERIA-PMV16XN Datasheet
724Kb / 15P
   20 V, N-channel Trench MOSFET
PMV30UN2 NEXPERIA-PMV30UN2 Datasheet
733Kb / 15P
   20 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB43UNE PHILIPS-PMXB43UNE_15 Datasheet
253Kb / 15P
   20 V, N-channel Trench MOSFET
19 September 2013
PMV16XN PHILIPS-PMV16XN_15 Datasheet
263Kb / 15P
   20 V, N-channel Trench MOSFET
11 November 2014
PMZB150UNE PHILIPS-PMZB150UNE_15 Datasheet
228Kb / 15P
   20 V, N-channel Trench MOSFET
24 March 2015
logo
Nexperia B.V. All right...
PMZ600UNE NEXPERIA-PMZ600UNE Datasheet
726Kb / 15P
   20 V, N-channel Trench MOSFET
PMCM4401UNE NEXPERIA-PMCM4401UNE Datasheet
269Kb / 15P
   20 V, N-channel Trench MOSFET
PMCM6501UNE NEXPERIA-PMCM6501UNE Datasheet
390Kb / 15P
   20 V, N-channel Trench MOSFET
PMPB23XNEA NEXPERIA-PMPB23XNEA Datasheet
299Kb / 14P
   20 V, N-channel Trench MOSFET
27 March 2018
BUK4D16-20 NEXPERIA-BUK4D16-20 Datasheet
318Kb / 15P
   20 V, N-channel Trench MOSFET
29 March 2021
logo
NXP Semiconductors
PMZ130UNE NXP-PMZ130UNE Datasheet
233Kb / 14P
   20 V, N-channel Trench MOSFET
12 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com