Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1277 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # H1277
Description  HIGH SENSITIVITY HALL EFFECT SENSOR IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

H1277 Datasheet(HTML) 1 Page - Unisonic Technologies

  H1277_15 Datasheet HTML 1Page - Unisonic Technologies H1277_15 Datasheet HTML 2Page - Unisonic Technologies H1277_15 Datasheet HTML 3Page - Unisonic Technologies H1277_15 Datasheet HTML 4Page - Unisonic Technologies H1277_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
H1277
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R118-011.E
HIGH SENSITIVITY HALL
EFFECT SENSOR IC WITH FG
OUTPUT
DESCRIPTION
The UTC H1277 is a semiconducting integrated Hall Effect Sensor
IC.
It is just like all the hall sensitive Hall Effect Sensors designed to
work in the situations which the accurate track is extremely small and
the changes in magnetic flux density-changes are generally too small to
be operated.
Besides those features shared in all Hall Effect Sensors, H1277 can
apply to various kinds of applications, such as contact-less switches,
motion detectors, gear tooth sensors, proximity detectors, and electric
communication of DC brushless motors, etc.
FEATURES
* Hall Sensor On-Chip
* Output Zener Diodes to Clamp the Peak Output Voltage
* Frequency Generation Output
* High Output Sinking Capability (nearly to 400mA)
* High Sensitivity Hall Effect Sensor IC: ±65G
ORDERING INFORMATION
Ordering Number
Package
Packing
H1277G-G04-K
SIP-4
Bulk
MARKING


Similar Part No. - H1277_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
More results

Similar Description - H1277_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH211 UTC-UH211_15 Datasheet
217Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
UH211 UTC-UH211 Datasheet
204Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Anpec Electronics Corop...
APX9145 ANPEC-APX9145 Datasheet
155Kb / 10P
   High Sensitivity Hall Effect Sensor IC with FG Output
logo
Unisonic Technologies
H1277 UTC-H1277 Datasheet
191Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Anpec Electronics Corop...
APX9142 ANPEC-APX9142 Datasheet
466Kb / 7P
   High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com