Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1008G-P28-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M1008G-P28-T
Description  16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1008G-P28-T Datasheet(HTML) 2 Page - Unisonic Technologies

  M1008G-P28-T Datasheet HTML 1Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 2Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 3Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 4Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 5Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 6Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 7Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 8Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M1008
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R502-434.a
PIN CONFIGURATIONS
PIN DESCRIPTION
PIN NO.
PIN NAME
PIN TYPE
PIN DESCRIPTION
1
CDSCLK1
DI
CDS reference clock pulse input
2
CDSCLK2
DI
CDS data clock pulse input
3
ADCCLK
DI
A/D sample clock input for 3-channels mode
4
OE
DI
Output enable, active low
5
DRVDD
P
Digital driver power
6
DRVSS
P
Digital driver ground
7~14
D7~D0
DO
Digital data output
15
SDATA
DI/DO
Serial data input/output
16
SCLK
DI
Clock input for serial interface
17
SLOAD
DI
Serial interface load pulse
18,28
AVDD
P
Analog supply
19,27
AVSS
P
Analog ground
20
REFB
AO
Reference decoupling
21
REFT
AO
Reference decoupling
22
VINB
AI
Analog input, blue
23
CML
AO
Internal reference output
24
VING
AI
Analog input, green
25
OFFSET
AO
Clamp bias level decoupling
26
VINR
AI
Analog input, red
Note: I=input, O=output, I/O=input/output, P=power supply, G=ground


Similar Part No. - M1008G-P28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M1008G-P28-T UTC-M1008G-P28-T Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
More results

Similar Description - M1008G-P28-T

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A Datasheet
196Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
   Single-channel 16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com