Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7612-G08-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M7612-G08-T
Description  VIDEO SIGNAL SWITCHER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7612-G08-T Datasheet(HTML) 5 Page - Unisonic Technologies

  M7612-G08-T Datasheet HTML 1Page - Unisonic Technologies M7612-G08-T Datasheet HTML 2Page - Unisonic Technologies M7612-G08-T Datasheet HTML 3Page - Unisonic Technologies M7612-G08-T Datasheet HTML 4Page - Unisonic Technologies M7612-G08-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M7612
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5
www.unisonic.com.tw
QW-R124-004,A
TYPICAL CHARACTERISTIC
6
1
2
3
5
4
4
2
1
3
VIN vs. VOUT caracteristics
INPUT VOLTAGE, VIN (V)
6
0
5
f=1kHz
Vcc=12V
Vcc=9V
Vcc=5V
8
1M
0
6
10M
4
-2
-6
Frequency characteristics
FREQUENCY (Hz)
100M
100k
2
-4
-8
Vcc=5V
VIN=1Vp-p
0
1M
-80
-20
10M
-40
Interchannel crosstalk
FREQUENCY (Hz)
100M
100k
-60
Vcc=5V
VIN=1Vp-p
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - M7612-G08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M7612-G08-T UTC-M7612-G08-T Datasheet
118Kb / 5P
   VIDEO SIGNAL SWITCHER
More results

Similar Description - M7612-G08-T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com