Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6310UK31D3-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6310UK31D3-T
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6310UK31D3-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6310UK31D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6310UK31D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6310UK31D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6310UK31D3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6310UK31D3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6310UK31D3-T Datasheet HTML 9Page - Maxim Integrated Products MAX6310UK31D3-T Datasheet HTML 10Page - Maxim Integrated Products MAX6310UK31D3-T Datasheet HTML 11Page - Maxim Integrated Products MAX6310UK31D3-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
currents, holding RESET low (Figure 4). The pull-down
resistor’s value is not critical; 100k
Ω is large enough not
to load RESET and small enough to pull RESET to
ground. For applications where RESET must be valid to
VCC, a 100kΩ pull-up resistor between RESET and VCC
will hold RESET high when VCC falls below 1V (Figure 5).
Since the MAX6305/MAX6306/MAX6307 have open-
drain, active-low outputs, they typically use a pull-up
resistor. With these devices and under these conditions
(VCC < 1V), RESET will most likely not maintain an
active condition, but will drift toward a nonactive level
due to the pull-up resistor and the RESET output’s
reduction in sinking capability. These devices are not
recommended for applications that require a valid
RESET output below 1V.
SUFFIX
TA = +25°C
TA = 0°C to +70°C
UK00
Preprogrammed Threshold
Not Available
Preprogrammed
Threshold Not
Available
UK50
4.925
5.000
5.075
4.875
5.125
UK49
4.827
4.900
4.974
4.778
5.023
UK48
4.728
4.800
4.872
4.680
4.920
UK47
4.630
4.700
4.771
4.583
4.818
UK46
4.561
4.630
4.699
4.514
4.746
UK45
4.433
4.500
4.568
4.388
4.613
UK44
4.314
4.380
4.446
4.270
4.490
UK43
4.236
4.300
4.365
4.193
4.408
UK42
4.137
4.200
4.263
4.095
4.305
UK41
4.039
4.100
4.162
3.998
4.203
UK40
3.940
4.000
4.060
3.900
4.100
UK39
3.842
3.900
3.959
3.803
3.998
UK38
3.743
3.800
3.857
3.705
3.895
UK37
3.645
3.700
3.756
3.608
3.793
UK36
3.546
3.600
3.654
3.510
3.690
UK35
3.448
3.500
3.553
3.413
3.588
UK34
3.349
3.400
3.451
3.315
3.485
UK33
3.251
3.300
3.350
3.218
3.383
UK32
3.152
3.200
3.248
3.120
3.280
UK31
3.034
3.080
3.126
3.003
3.157
UK30
2.955
3.000
3.045
2.925
3.075
UK29
2.886
2.930
2.974
2.857
3.000
UK28
2.758
2.800
2.842
2.730
2.870
UK27
2.660
2.700
2.741
2.633
2.768
UK26
2.591
2.630
2.669
2.564
2.696
UK25
2.463
2.500
2.538
2.438
2.563
*
Factory-trimmed reset thresholds are available in approximately
100mV increments with a ±1.5% room-temperature variance.
MIN
TYP
MAX
MIN
MAX
5-Pin, Multiple-Input,
Programmable Reset ICs
8
_______________________________________________________________________________________
MAX6308
MAX6309
MAX6310
GND
100k
VCC
VCC
RESET
MAX6311
MAX6312
MAX6313
GND
100k
VCC
VCC
RESET
Figure 4. Ensuring RESET Valid to VCC = 0V
Figure 5. Ensuring RESET Valid to VCC = 0V
Table 1. Factory-Trimmed Reset
Thresholds*


Similar Part No. - MAX6310UK31D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6310UKD-T MAXIM-MAX6310UKD-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
More results

Similar Description - MAX6310UK31D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com