Electronic Components Datasheet Search |
|
CHV2411AQDG Datasheet(PDF) 2 Page - United Monolithic Semiconductors |
|
CHV2411AQDG Datasheet(HTML) 2 Page - United Monolithic Semiconductors |
2 / 12 page CHV2411aQDG K-band VCO Ref. : DSCHV2411aQDG3232 - 20 Aug 13 2/12 Specifications subject to change without notice Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 Electrical Characteristics VCO & buffer section Symbol Parameters Min Typ Max Unit F_out Output Frequency range (Operating band) 24 24.25 GHz F_vco VCO frequency F_out/2 GHz V_Tune Voltage Tuning range 1 6 V Tuning sensitivity 250 400 725 MHz/V Frequency drift rate 5 MHz/°C H1 Harmonics 1/2F_out -40 dBc H3 Harmonics 3/2 F_out -40 dBc H4 Harmonics 2 F_out -20 dBc PN SSB Phase Noise given @ F_out @ 100 KHz -90 -80 dBc/Hz Main Output (RF_Out) VSWR 2:1 Pulling into 2:1 VSWR for all phases 8 MHz Pushing @ within the V_tune range 250 MHz/V P_out Output Power on RF_out port 13 16 19 dBm Positive supply current 140 170 mA Prescaler section Symbol Parameters Min Typ Max Unit IF_out IF Output Frequency F_out/16 GHz Output Power -3 0 dBm Positive supply current 80 110 mA Prescalar Output (IF) VSWR 2:1 General section Symbol Parameters Min Typ Max Unit VB,V1,VB1,V2,VB2,VD Positive supply voltages 5 V +I (IB1+IB2+I1+I2) Total Positive supply current 220 280 mA Top Operating temperature range -40 +105 °C All the parameters are specified between 1V and 6V of Tuning Voltage |
Similar Part No. - CHV2411AQDG_15 |
|
Similar Description - CHV2411AQDG_15 |