Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV2412-QDG Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHV2412-QDG
Description  Fully integrated HBT K-Band VCO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV2412-QDG Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHV2412-QDG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHV2412-QDG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHV2412-QDG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHV2412-QDG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHV2412-QDG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHV2412-QDG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHV2412-QDG_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHV2412-QDG_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHV2412-QDG_15 Datasheet HTML 11Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
K-Band VCO
CHV2412-QDG
Ref. : DSCHV2412-QDG4120 - 30 Apr 14
9/11
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
QFN Pin-out description
Pin number
Pin name
Symbol
Description
15,17
GND
Ground
2
P
IF_out
IF output at 1.5GHz
4
VT
V_Tune
Frequency Tuning Port
5, 11, 13, 20, 21, 23
VB, V1, VB1,
VB2, V2, VD
+V
Positive supply voltage
5
VB
Positive supply voltage of 12GHz
prescaler
’s buffer
11,21
V1,V2
Positive supply voltage of the VCO core
+1
st stage of the 24GHZ buffers
13
VB1
Positive supply voltage of the 2
nd & 3rd
stages of the 24GHZ buffers
16
RF
RF_out
RF output at 24GHz
1, 3, 6, 7, 8, 9, 10, 12,
14, 18, 19, 22, 24
Nc
Not connected
External Components and bias configuration (recommended)
Important: Need for a capacitor on the prescaler output port as a DC block (C2).


Similar Part No. - CHV2412-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2411A UMS-CHV2411A Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 12P
   Fully Integrated HBT K-band VCO
CHV2411AQDG/20 UMS-CHV2411AQDG/20 Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG/21 UMS-CHV2411AQDG/21 Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
More results

Similar Description - CHV2412-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV3241-QDG UMS-CHV3241-QDG_15 Datasheet
835Kb / 14P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG_15 Datasheet
1Mb / 12P
   Fully Integrated HBT K-band VCO
CHV3242-QDG UMS-CHV3242-QDG_15 Datasheet
818Kb / 14P
   Fully integrated HBT K-Band VCO
CHV2411A_0709 UMS-CHV2411A_0709 Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2270 UMS-CHV2270_15 Datasheet
199Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV2270 UMS-CHV2270 Datasheet
258Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV2243 UMS-CHV2243 Datasheet
99Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A_15 Datasheet
112Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com