Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV2421-QDG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHV2421-QDG
Description  24-24.5GHz Tx Multifunction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV2421-QDG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHV2421-QDG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHV2421-QDG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHV2421-QDG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHV2421-QDG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHV2421-QDG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHV2421-QDG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHV2421-QDG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHV2421-QDG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHV2421-QDG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHV2421-QDG
24-24.5GHz Tx Multifunction
Ref. : CHV2421-QDG2201- 19 Jul 12
2/12
Specifications subject to change without notice
10 Avenue du Québec, SILIC 521 - 91946 COURTABOEUF Cedex - FRANCE
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Temp.= -40°C to +105°C
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
F_TX
Output Frequency
24
24.5
GHz
F_VCO
Core VCO frequency
F_Tx/2
GHz
V_Tune
Voltage
Tuning
within
F_TX
0.5
5.5
V
T_sens
Tuning sensitivity
within F_TX
225
450
850
MHz/V
F_drift
Temperature
frequency
drift rate
3
5
MHz/°
C
H1
Harmonics ½ F_TX power
(TX1 & TX2 ports)
-15
-5
dBm
H3
Harmonics
3/2
F_TX
power (TX1 & TX2 ports)
-45
-30
dBm
H4
Harmonics 2 F_TX power
(TX1 & TX2 ports)
-40
-25
dBm
Sp_TX
Non-harmonic spurious
rejection at TX1, TX2 ports
70
80
dBc
Pres_TX
Prescaler spurious rejection
at TX1, TX2 ports
45
55
dBc
PN
SSB
Phase
Noise
@
100KHz at TXn
- 90
- 80
dBc/Hz
VSWR_RF
RF
Output
(TX1,
TX2)
VSWR
1,5:1
2,5:1
VB21,
VB22>3.15V
LP_RF
RF Load Pulling into 2.5:1
VSWR all phases (Tx1, Tx2)
8
MHz
Push
Bias pushing
(VCC, VB, VD, V1, VB11,
VB12, VB21, VB22, M1, M2)
50
250
MHz/V
P_TX1
(1)
Nominal output Power on
TX1
10.5
15.5
18.5
dBm
4.9<Supplies<5.1V
M1_v<0.2V or
NC
P_TX1_T°C
P_TX1
Temperature
coefficient
-2e-4 *T - 0.0219
dB/°C
dP/dT
P_TX2
(1)
Nominal output Power on
TX2
9.5
15
19.5
dBm
4.9<Supplies<5.1V
M1_v<0.2V or
NC
P_TX2_T°C
P_TX2
Temperature
coefficient
-4e-4 *T - 0.0179
dB/°C
dP/dT
D_P_TXn
Output
Power
Dynamic
Range on TX1 & TX2 with
VB2n controlled
8
13
dB
L_P_TXn
Low Power level on TXn
with VB2n<2.25V
8.75
dBm
P_TX1_LO
(2)
TX1 Power if VB21=3.3V
& M1_v<0.2V/NC
1
6
10
dBm
P_TX2_OFF
TX2 Power if VB22<2.25V
& M2_v>3.15V
-14
-7
dBm


Similar Part No. - CHV2421-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2411A UMS-CHV2411A Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 12P
   Fully Integrated HBT K-band VCO
CHV2411AQDG/20 UMS-CHV2411AQDG/20 Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG/21 UMS-CHV2411AQDG/21 Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
More results

Similar Description - CHV2421-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2411-QDG UMS-CHR2411-QDG Datasheet
646Kb / 8P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_15 Datasheet
598Kb / 10P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_13 Datasheet
587Kb / 10P
   22-24.5GHz RX Multifunction
logo
List of Unclassifed Man...
USB-2416 ETC-USB-2416 Datasheet
918Kb / 5P
   24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
USB-2408 ETC-USB-2408 Datasheet
938Kb / 6P
   24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
logo
United Monolithic Semic...
CHR2421-QEG UMS-CHR2421-QEG Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2421-QEG UMS-CHR2421-QEG_15 Datasheet
722Kb / 10P
   23.75-24.5GHz Dual Rx Channel
logo
Schneider Electric
BMXERT1604T SCHNEIDER-BMXERT1604T Datasheet
212Kb / 6P
   multifunction input module Modicon X80 - 16 I - 24/24..125 V
Apr 20, 2022
logo
Littelfuse
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com