Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV3241-QDG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHV3241-QDG
Description  Fully Integrated HBT K-band VCO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV3241-QDG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHV3241-QDG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHV3241-QDG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHV3241-QDG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHV3241-QDG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHV3241-QDG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHV3241-QDG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHV3241-QDG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHV3241-QDG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHV3241-QDG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
K-band VCO
CHV3241-QDG
Ref. : DSCHV3241-QDG9100 -10 Apr 09
3/14
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameters
Values
Unit
V_tune
Positive Tuning voltage
10
V
+V
Positive supply voltage
6
V
+ID
Positive supply current (Prescalar)
170
mA
+IB1/+IB2
Positive supply current (amplifiers 2 & 3)
50 / 60
mA
+I1/+I2
Positive supply current (VCO+amplifier 1)
40 / 50
mA
+IB
Positive supply current (prescalar„s buffer)
10
mA
Top
Operating temperature range (2)
-40 to +105
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Temperature of the back side of the QFN package
Typical QFN measurements on board 97836 (QFN RF Pin plan)
Remark: The temperature mentioned below is taken at the back side of the QFN package.
F_out frequency versus V_tune, +V & Top


Similar Part No. - CHV3241-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV3242-QDG UMS-CHV3242-QDG Datasheet
818Kb / 14P
   Fully integrated HBT K-Band VCO
CHV3242-QDG UMS-CHV3242-QDG_15 Datasheet
818Kb / 14P
   Fully integrated HBT K-Band VCO
More results

Similar Description - CHV3241-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG_15 Datasheet
1Mb / 12P
   Fully Integrated HBT K-band VCO
CHV2412-QDG UMS-CHV2412-QDG_15 Datasheet
1Mb / 11P
   Fully integrated HBT K-Band VCO
CHV3242-QDG UMS-CHV3242-QDG_15 Datasheet
818Kb / 14P
   Fully integrated HBT K-Band VCO
CHV2411A_0709 UMS-CHV2411A_0709 Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2270 UMS-CHV2270_15 Datasheet
199Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV2270 UMS-CHV2270 Datasheet
258Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV2243 UMS-CHV2243 Datasheet
99Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A_15 Datasheet
112Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com