Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHX1191-98F Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHX1191-98F
Description  13.5-40.5GHz Frequency Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX1191-98F Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHX1191-98F Datasheet HTML 2Page - United Monolithic Semiconductors CHX1191-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHX1191-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHX1191-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHX1191-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHX1191-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHX1191-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHX1191-98F Datasheet HTML 9Page - United Monolithic Semiconductors CHX1191-98F Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
13.5-40.5GHz Frequency Multiplier
CHX1191-98F
Ref. : DSCHX11912198 -16 Jul 12
9/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
DC Schematic
5V, 80mA
11.2k
120
V+= +5V
72
7.7k
5.9k
150
25mA
38mA
18mA
V-= -5V
Input Buffer
Multiplier
Output buffer
5.3k
3.4k
2.6k


Similar Part No. - CHX1191-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX1191-QDG UMS-CHX1191-QDG Datasheet
416Kb / 10P
   13.5-40.5GHz Frequency Multiplier
CHX1191-QDG UMS-CHX1191-QDG_15 Datasheet
416Kb / 10P
   13.5-40.5GHz Frequency Multiplier
More results

Similar Description - CHX1191-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX1191-QDG UMS-CHX1191-QDG_15 Datasheet
416Kb / 10P
   13.5-40.5GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
   Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
   Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
   Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
   Frequency Multiplier
RMK-3-1262++ MINI-RMK-3-1262+ Datasheet
150Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com