Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHX3068-QDG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHX3068-QDG
Description  15-30GHz Frequency Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX3068-QDG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHX3068-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
15-30GHz Frequency Multiplier
CHX3068-QDG
Ref. DSCHX3068-QDG1061 - 02 Mar 11
3/8
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Device thermal performances:
All the figures given in this section are obtained assuming that the QFN device is cooled
down only by conduction through the package thermal pad (no convection mode
considered).
The temperature is monitored at the package back-side interface (Tcase) as shown below.
The system maximum temperature must be adjusted in order to guarantee that Tcase
remains below than the maximum value specified in the next table. So, the system PCB must
be designed to comply with this requirement.
A derating must be applied on the dissipated power if the case temperature (Tcase) can not
be maintained below the maximum temperature specified in order to guarantee the nominal
device life time (MTTF) (see the curve Pdiss. Max).
Recommended max. junction temperature (Tj max)
:
155 °C
Junction temperature absolute maximum rating
:
175 °C
Max. continuous dissipated power (Pdiss. Max.)
:
1.1 W
=> Pdiss. Max. derating above Tcase
(1)= 85
°C :
15 mW/°C
Junction-Case thermal resistance (Rth J-C)
(2)
:
<65 °C/W
Minimum Tcase operating temperature
(3)
:
-40 °C
Maximum Tcase operating temperature
(3)
:
85 °C
Minimum storage temperature
:
-55 °C
Maximum storage temperature
:
150 °C
(1) Derating at junctio n temperature co nstant = Tj max
(2) Rth J-C is calculated fo r a wo rst case where the ho t t e s t junc t io n
o f the M M IC is co nsidered.
(3) Tcase=P ackage back side temperature measured under the die-attach-pad (see the drawing belo w).
6.0
DEVICE THERMAL SPECIFICATION : CHX3068-QDG
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
175
Tcase (°C)
Pdiss. Max. @Tj <Tj max (W)
Tcase
Example: QFN 16L 3x3
Location of temeprature
reference point (Tcase)
on package's bottom side


Similar Part No. - CHX3068-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
More results

Similar Description - CHX3068-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A_07 Datasheet
323Kb / 6P
   10-30GHz Frequency Multiplier
MUX-PO9824 UMS-MUX-PO9824 Datasheet
212Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A Datasheet
76Kb / 5P
   10-30GHz Frequency Multiplier
CHX2095A99F UMS-CHX2095A99F Datasheet
351Kb / 8P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095_15 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
logo
Eudyna Devices Inc
FMM5125X EUDYNA-FMM5125X Datasheet
230Kb / 9P
   15/60GHz Frequency Multiplier MMIC
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com