Electronic Components Datasheet Search |
|
U74HC4051 Datasheet(PDF) 4 Page - Unisonic Technologies |
|
U74HC4051 Datasheet(HTML) 4 Page - Unisonic Technologies |
4 / 9 page U74HC4051 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 9 www.unisonic.com.tw QW-R502-374.E ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5 ~ +11.0 V Input Clamping Current (VI<-0.5V or VI>VCC+0.5V) IIK ±20 mA Switch Clamping Current (VS<-0.5V or VS>VCC+0.5V) ISK ±20 mA Switch Current (VS=-0.5V to VCC+0.5V) IS ±25 mA Negative Supply Current IEE -20 mA Ground Supply Current IGND -50 mA Quiescent Supply Current ICC 50 mA Power Dissipation DIP-16 PD 750 mW SOP-16/TSSOP-16 500 mW QFN16(3×3) 500 mW Derate above Ta>70°C DIP-16 12 mW/K SOP-16/TSSOP-16 8 mW/K QFN16(3×3) 8 mW/K Operating Temperature TOPR -40~+125 °C Storage Temperature TSTG -65 ~ + 150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Supply Voltage Difference ∆VCC VCC-GND 2.0 5.0 10.0 V VCC-VEE 2.0 5.0 10.0 v Input Voltage VIN GND VCC V Switch Voltage VSW VEE VCC V Input Rise and Fall Times tR, tF VCC=2.0V 6.0 1000 ns VCC=4.5V 6.0 500 ns VCC=6.0V 6.0 400 ns VCC=10.0V 6.0 250 ns STATIC CHARACTERISTICS (TA=25°C) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-Level Input Voltage VIH VCC=2.0V 1.5 1.2 V VCC=4.5V 3.15 2.4 V VCC=6.0V 4.2 3.2 V VCC=9.0V 6.3 4.7 V Low-Level Input Voltage VIL VCC=2.0V 0.8 0.5 V VCC=4.5V 2.1 1.35 V VCC=6.0V 2.8 1.8 V VCC=9.0V 4.3 2.7 V Analog Switch OFF-state Current IS(OFF) VCC=10V, VEE=0V, VI=VIH or VIL |VS |=VCC - VEE Per Channel ±0.1 μA All Channels ±0.4 μA Analog Switch ON-state Current IS(ON) VCC=10V, VEE=0V, VI=VIH or VIL |VS |=VCC - VEE ±0.4 μA Input Leakage Current II(LEAK) VEE=0V VI=VCC or GND VCC=6V ±0.1 μA VCC=10V ±0.2 μA Quiescent Supply Current IQ VI=VCC or GND VIS=VEE or VCC VOS=VCC or VEE VCC=6V, VEE=0V 8 μA VCC=10V,VEE=0V 16 μA |
Similar Part No. - U74HC4051_15 |
|
Similar Description - U74HC4051_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |