Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVX4053G-P16-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74LVX4053G-P16-T
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVX4053G-P16-T Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button U74LVX4053G-P16-T Datasheet HTML 2Page - Unisonic Technologies U74LVX4053G-P16-T Datasheet HTML 3Page - Unisonic Technologies U74LVX4053G-P16-T Datasheet HTML 4Page - Unisonic Technologies U74LVX4053G-P16-T Datasheet HTML 5Page - Unisonic Technologies U74LVX4053G-P16-T Datasheet HTML 6Page - Unisonic Technologies U74LVX4053G-P16-T Datasheet HTML 7Page - Unisonic Technologies U74LVX4053G-P16-T Datasheet HTML 8Page - Unisonic Technologies U74LVX4053G-P16-T Datasheet HTML 9Page - Unisonic Technologies U74LVX4053G-P16-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
U74LVX4053
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-951.B
AC ELECTRICAL CHARACTERISTICS (TA=25°С, Input tR/tF =3ns, GND=0V, CL=50pF)
See Fig. 1, Fig. 2 and Fig. 3 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX UNIT
Phase difference between input and output
tPLH/tPHL
VCC=2V, VEE=GND
3.2
6.0
ns
VCC=3V, VEE=GND
1.8
3.0
VCC=4.5V, VEE=GND
1.3
1.8
VCC=3V, VEE=-3V
1.1
1.3
Output enable time (Note 1)
tPZL/tPZH
VCC=2V, VEE=GND
9
17
ns
VCC=3V, VEE=GND
5.7
9
VCC=4.5V, VEE=GND
4.5
6
VCC=3V, VEE=-3V
5.8
8
Output disable time (Note 1)
tPLZ/tPHZ
VCC=2V, VEE=GND
13.5
21
ns
VCC=3V, VEE=GND
11.3
15
VCC=4.5V, VEE=GND
10.3
12
VCC=3V, VEE=-3V
10.9
13
Control input capacitance (Note 2)
CIN
5
10
pF
COMMON terminal capacitance (Note 2)
CIS
VCC=3V, VEE=-3V
7
15
pF
SWITCH terminal capacitance (Note 2)
COS
VCC=3V, VEE=-3V
6
13
pF
Feedthrough capacitance (Note 2)
CIOS
VCC=3V, VEE=-3V
3
6
pF
Power dissipation capacitance (Note 3)
CPD
VCC=6V, VEE=GND
18
pF
Note: 1. RL=1k
2. CIN, CIS, COS and CIOS are guaranteed by the design.
3. CPD is defined as the value of the internal equivalent capacitance of IC which is calculated from the
operating current consumption without load.
Average operating current can be obtained by the equation.
ICC(OPR)=CPD×VCC×fIN+VCC


Similar Part No. - U74LVX4053G-P16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVX4053G-P16-T UTC-U74LVX4053G-P16-T Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - U74LVX4053G-P16-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com