Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA1029 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UA1029
Description  LOW FREQUENCY POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA1029 Datasheet(HTML) 7 Page - Unisonic Technologies

  UA1029_15 Datasheet HTML 1Page - Unisonic Technologies UA1029_15 Datasheet HTML 2Page - Unisonic Technologies UA1029_15 Datasheet HTML 3Page - Unisonic Technologies UA1029_15 Datasheet HTML 4Page - Unisonic Technologies UA1029_15 Datasheet HTML 5Page - Unisonic Technologies UA1029_15 Datasheet HTML 6Page - Unisonic Technologies UA1029_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UA1029
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7
www.unisonic.com.tw
QW-R107-033.B
TYPICAL CHARACTERISTICS
0
4
12
20
20
0
SUPPLY VOLTAGE, VCC (V)
8
16
IQ, V3, V5 -VCC
RL=4Ω
Vin = 0
Ta = 25℃
IQ
V3, V5
40
60
80
2
4
6
8
10
12
30
100
3k
30k
20
0
FREQUENCY, f (Hz)
300
10k
GV -f
40
60
80
VCC=9V
RL=4Ω
RF =120Ω
Ta = 25℃
100k
1k
10
30
50
70
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UA1029_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA1029-H14-T UTC-UA1029-H14-T Datasheet
131Kb / 7P
   LOW FREQUENCY POWER AMPLIFIER
UA1029L-H14-T UTC-UA1029L-H14-T Datasheet
131Kb / 7P
   LOW FREQUENCY POWER AMPLIFIER
More results

Similar Description - UA1029_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com