Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U7313L-S28-T Datasheet(PDF) 11 Page - Unisonic Technologies

Part # U7313L-S28-T
Description  AUDIO PROCESSOR IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7313L-S28-T Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button U7313L-S28-T Datasheet HTML 6Page - Unisonic Technologies U7313L-S28-T Datasheet HTML 7Page - Unisonic Technologies U7313L-S28-T Datasheet HTML 8Page - Unisonic Technologies U7313L-S28-T Datasheet HTML 9Page - Unisonic Technologies U7313L-S28-T Datasheet HTML 10Page - Unisonic Technologies U7313L-S28-T Datasheet HTML 11Page - Unisonic Technologies U7313L-S28-T Datasheet HTML 12Page - Unisonic Technologies U7313L-S28-T Datasheet HTML 13Page - Unisonic Technologies U7313L-S28-T Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
U7313
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 14
www.unisonic.com.tw
QW-R502-173.B
FUNCTION CONTROL(Cont.)
Volume control
MSB
LSB
0
0
B2
B1
B0
A2
A1
A0
FUNCTION(dB)
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
0
-1.25
-2.5
-3.75
-5
-6.25
-7.5
-8.75
0
0
B2
B1
B0
A2
A1
A0
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
0
-10
-20
-30
-40
-50
-60
-70
For example:
Volume -32.5dB the 8 bit string is:
0 0 0 1 1 0 1 0
Bass control
0
1
1
0
C3
C2
C1
C0
FUNCTION(dB)
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
0
1
0
1
0
1
1
0
0
1
1
1
1
1
1
1
1
1
1
0
1
1
0
1
1
1
0
0
1
0
1
1
1
0
1
0
1
0
0
1
1
0
0
0
-14
-12
-10
-8
-6
-4
-2
0
0
2
4
6
8
10
12
14
For example:
Bass control -4dB the 8 bit string is: 0 1 1 0 0 1 0 1


Similar Part No. - U7313L-S28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7313L-S28-T UTC-U7313L-S28-T Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
More results

Similar Description - U7313L-S28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Toshiba Semiconductor
TA1216AN TOSHIBA-TA1216AN Datasheet
574Kb / 18P
   TV-AUDIO PROCESSOR IC
logo
List of Unclassifed Man...
BD3867AS ETC1-BD3867AS Datasheet
201Kb / 2P
   Audio sound processor IC
logo
Princeton Technology Co...
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
   3D Effect Audio Processor IC
logo
List of Unclassifed Man...
PT2322 ETC1-PT2322 Datasheet
77Kb / 3P
   6-Channel Audio Processor IC
logo
SHENZHEN FUMAN ELECTRON...
SC2315 FUMAN-SC2315 Datasheet
227Kb / 12P
   Dual channel audio processor IC
logo
Princeton Technology Co...
PT2313L PTC-PT2313L Datasheet
183Kb / 3P
   4-Channel Audio Processor IC
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
   3D Effect Audio Processor IC
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com