Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U7313G-S28-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U7313G-S28-T
Description  AUDIO PROCESSOR IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7313G-S28-T Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button U7313G-S28-T Datasheet HTML 2Page - Unisonic Technologies U7313G-S28-T Datasheet HTML 3Page - Unisonic Technologies U7313G-S28-T Datasheet HTML 4Page - Unisonic Technologies U7313G-S28-T Datasheet HTML 5Page - Unisonic Technologies U7313G-S28-T Datasheet HTML 6Page - Unisonic Technologies U7313G-S28-T Datasheet HTML 7Page - Unisonic Technologies U7313G-S28-T Datasheet HTML 8Page - Unisonic Technologies U7313G-S28-T Datasheet HTML 9Page - Unisonic Technologies U7313G-S28-T Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
U7313
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 14
www.unisonic.com.tw
QW-R502-173.B
MODULE CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Tracking Error
ET
2
dB
Adjacent attenuation steps
0
3
mV
DC Shift Voltage Steps
VDC
from 0dB to Au max
0.5
7.5
mV
BASS CONTROL
Control Range
Gb
Center freq=100HZ
±12
±14
±16
dB
Adjacent Attenuation Steps
BSTEP
1
2
3
dB
Internal Feedback Resistance
RB
34
44
58
KΩ
TREBLE CONTROL
Control Range
Gt
Center freq=20KHZ
±13
±14
±15
dB
Adjacent Attenuation Steps
TSTEP
1
2
3
dB
SPEAKER ATTENUATORS
Control Range
GS
35
37.5
40
dB
Adjacent Attenuation Steps
SSTEP
0.5
1.25
1.75
dB
Attenuation Set Error
EA
1.5
dB
Output Mute Attenuation
AuMUTE
80
100
dB
adjacent attenuation steps
0
3
mV
DC Shift Voltage Steps
VDC
from 0 to mute
1
10
mV
OUTPUTS
Clipping Level
VOCL
d=0.3%
2
2.5
Vrms
Output Load Resistance
RL
2
KΩ
Output Load Capacitance
CL
10
nF
Output Resistance
ROUT
30
75
120
Output DC Voltage
VOUT
4.2
4.5
4.8
V
EFFECT OF AUDIO PROCESSING
2.5
μV
BW=20-20kHZ, flat
output muted
all gains=0dB
5
15
μV
Output Noise
eN(OUT)
BW=20-20kHZ , a curve
all gains=0dB
3
μV
Signal to Noise Ratio
S/N
all gains=0dB; VOUT=1Vrms
106
dB
Au=0,VIN=1Vrms
0.01
0.1
%
VIN=1Vrms
0.09
%
Distortion
d
Au=-20dB
VIN=0.3Vrms
0.04
%
Channel Separation( left/right)
S(channel)
80
103
dB
Au=0 to -20dB
0
1
dB
Total Tracking Error
Au(error)
Au=-20dB to -60dB
0
2
dB
I
2C BUS INPUT
Low
VIL
1
V
Input Voltage
High
VIH
3
V
Input Current
IIN
-5
+5
μ
A
Output Voltage SDA Acknowledge
VOUT
IOUT=1.6mA
0.4
V


Similar Part No. - U7313G-S28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7313G-S28-T UTC-U7313G-S28-T Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
More results

Similar Description - U7313G-S28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Toshiba Semiconductor
TA1216AN TOSHIBA-TA1216AN Datasheet
574Kb / 18P
   TV-AUDIO PROCESSOR IC
logo
List of Unclassifed Man...
BD3867AS ETC1-BD3867AS Datasheet
201Kb / 2P
   Audio sound processor IC
logo
Princeton Technology Co...
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
   3D Effect Audio Processor IC
logo
List of Unclassifed Man...
PT2322 ETC1-PT2322 Datasheet
77Kb / 3P
   6-Channel Audio Processor IC
logo
SHENZHEN FUMAN ELECTRON...
SC2315 FUMAN-SC2315 Datasheet
227Kb / 12P
   Dual channel audio processor IC
logo
Princeton Technology Co...
PT2313L PTC-PT2313L Datasheet
183Kb / 3P
   4-Channel Audio Processor IC
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
   3D Effect Audio Processor IC
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com