Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA8229L-J15-A-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UA8229L-J15-A-T
Description  LOW FREQUENCY POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA8229L-J15-A-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UA8229L-J15-A-T Datasheet HTML 1Page - Unisonic Technologies UA8229L-J15-A-T Datasheet HTML 2Page - Unisonic Technologies UA8229L-J15-A-T Datasheet HTML 3Page - Unisonic Technologies UA8229L-J15-A-T Datasheet HTML 4Page - Unisonic Technologies UA8229L-J15-A-T Datasheet HTML 5Page - Unisonic Technologies UA8229L-J15-A-T Datasheet HTML 6Page - Unisonic Technologies UA8229L-J15-A-T Datasheet HTML 7Page - Unisonic Technologies UA8229L-J15-A-T Datasheet HTML 8Page - Unisonic Technologies UA8229L-J15-A-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UA8229
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R107-033.C
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
20
V
Peak Output Current
IO(PEAK)
2.5
A
Power Dissipation
Derated above Ta = 25
PD
15
120
W
mW/℃
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~ +70℃ operating temperature range
and assured by design from -20℃~ +85℃.
ELECTRICAL CHARACTERISTICS
(Ta=25℃, VCC=9V, RL=4Ω, Rg=600Ω, f=1kHz, RF=120Ω, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
V11, V12
30
60
mV
Stand-by Current
ISTN-BY
SW1
OFF
1
µA
Quiescent Current
ID
VIN = 0
25
45
mA
POUT(1)
THD = 10%, VCC=9V
2.0
2.5
Output Power
POUT(2)
THD = 10%, VCC = 12V
4.6
W
Total Harmonic Distortion
THD
POUT = 0.4W/ch
0.2
1.0
%
GV (1)
RF= 120Ω, VOUT = 0.775Vrms (0dBm)
43
45
47
Voltage Gain
GV (2)
RF= 0, Vout = 0.775Vrms (0dBm)
56.5
dB
Input Resistance
RIN
30
kΩ
Output Noise Voltage
VNO
RG = 10kΩ, BW = 20Hz ~ 20kHz
0.3
1.0
mVrms
Ripple Rejection Ratio
RR
RG = 600Ω, fRIPPLE = 100kHz
-52
dB
Cross Talk
C.T.
RG = 600Ω, amp1
2
VOUT = 0.775Vrms (0dBm)
-50
dB


Similar Part No. - UA8229L-J15-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA8229L-J15-A-T UTC-UA8229L-J15-A-T Datasheet
269Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results

Similar Description - UA8229L-J15-A-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com