Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH8615L-D28-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UH8615L-D28-T
Description  HID LAMP CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8615L-D28-T Datasheet(HTML) 7 Page - Unisonic Technologies

  UH8615L-D28-T Datasheet HTML 1Page - Unisonic Technologies UH8615L-D28-T Datasheet HTML 2Page - Unisonic Technologies UH8615L-D28-T Datasheet HTML 3Page - Unisonic Technologies UH8615L-D28-T Datasheet HTML 4Page - Unisonic Technologies UH8615L-D28-T Datasheet HTML 5Page - Unisonic Technologies UH8615L-D28-T Datasheet HTML 6Page - Unisonic Technologies UH8615L-D28-T Datasheet HTML 7Page - Unisonic Technologies UH8615L-D28-T Datasheet HTML 8Page - Unisonic Technologies UH8615L-D28-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UH8615
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R118-019.a
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
LOAD POWER AMPLIFIER SECTION
LPOWER Voltage
VLPOWER
VO(SENSE) = 0.0V
0.32
0.40
0.48
V
VO(SENSE) = 0.45V
0.32
0.40
0.48
V
VO(SENSE) = 0.65V
0.41
0.46
0.51
V
VO(SENSE) = 0.88V
0.43
0.51
0.59
V
VO(SENSE) = 2.0V
0.43
0.51
0.59
V
VO(SENSE) = 0.7V, SLOPEC = 0V
0.29
0.34
0.41
V
LPOWER Source Current
ISOURCE
LPOWER = 0V
-8.0
-0.4
mA
LPOWER Sink Current
ISINK
LPOWER = 1V
0.4
1.3
mA
LOADISENSE Input Current
IIN
-2.5
-0.1
2.5
μA 
INPUT CURRENT SENSE SECTION
ISENSEIN Threshold
COMP = 5V, WARMUPC = 0V
0.16
0.21
0.28
V
COMP = 5V, WARMUPC = 10V
0.10
0.19
0.27
V
COMP = 1V, WARMUPC = 0V
0.07
0.10
0.2
V
ISENSEIN Bias Current
IBIAS
OSC = 0V
-15
-5
-2
μA
OSC = 2V
-65
-40
-15
μA
VOUTSENSE SECTION
VOUTSENSE Threshold to PWMOUT
VO(PWMOUT)
4.2
5.0
5.2
V
VOUTSENSE Threshold to FB
VO(FB)
1.7
1.9
2.1
V
VOUTSENSE Threshold to NOTON
VO(NOTON)
0.035 0.083 0.140
V
VOUTSENSE Input Current
IIN
-1
1
μA 
OUTPUTS SECTION
PWMOUT High Voltage
VO(H)
IPWMOUT = -100mA
9.15
10.0
V
PWMOUT Low Voltage
VO(L)
IPWMOUT = 100mA
0.3
0.5
V
PUMPOUT High Voltage
VO(H)
IPUMPOUT = -10mA
5.3
5.8
V
PUMPOUT Low Voltage
VO(L)
IPUMPOUT = 10mA
1.0
1.8
V
NOTON High Voltage
VH
INOTON = -1mA
5.0
6.3
V
NOTON Low Voltage
VL
INOTON = 1mA
0.1
0.3
V
QOUT, QOUT High Voltage
VH
IQOUT = -1mA or IQOUT =
-1mA
5.0
6.3
V
QOUT, QOUT Low Voltage
VL
IQOUT = 1mA or IQOUT = 1mA
0.1
0.45
V
FLT High Voltage
VH(FLT)
IFLT = -1mA
6.0
6.3
V
FLT Low Voltage
VL(FLT)
IFLT = 1mA
0.1
0.3
V
PUMPOUT Frequency
F
BOOST = 9.5V
35
50
60
kHz
QOUT, QOUT Frequency
F
150
200
250
Hz
TIMING CAPACITOR SECTION
FLTC Threshold to FAULT
VFLTC
4.65
4.9
5.25
V
SLOPEC Voltage
V(SLOPEC)
ISLOPEC = -125nA
1.3
1.5
1.7
V
ISLOPEC = -50nA
2.8
3.0
3.2
V
FLTC Discharge Current
I(FLTC)
FLTC = 2.5V
35
250
nA
FLTC Charge Current
I(FLTC)
FLTC = 2.5V
-430
-100
nA
SLOPEC Charge Current
I(SLOPEC)
SLOPEC = 0.5V
-165
-90
-60
nA
SLOPEC = 2.2V
-105
-60
-40
nA
SLOPEC = 4.2V
-50
-30
-10
nA


Similar Part No. - UH8615L-D28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8013G-AE3-R UTC-UH8013G-AE3-R Datasheet
152Kb / 4P
   HALL EFFECT MICRO SWITCH IC
UH8013G-AE3-R UTC-UH8013G-AE3-R Datasheet
195Kb / 4P
   Hall Effect Micro Switch IC
UH8013L-AE3-R UTC-UH8013L-AE3-R Datasheet
152Kb / 4P
   HALL EFFECT MICRO SWITCH IC
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UH8100AG-AE3-R UTC-UH8100AG-AE3-R Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
More results

Similar Description - UH8615L-D28-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
   USB HID to Serial Bridge Controller
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
   USB HID to SPI Bridge Controller
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com