Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULV1546 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # ULV1546
Description  20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM GAMMA BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1546 Datasheet(HTML) 5 Page - Unisonic Technologies

  ULV1546_15 Datasheet HTML 1Page - Unisonic Technologies ULV1546_15 Datasheet HTML 2Page - Unisonic Technologies ULV1546_15 Datasheet HTML 3Page - Unisonic Technologies ULV1546_15 Datasheet HTML 4Page - Unisonic Technologies ULV1546_15 Datasheet HTML 5Page - Unisonic Technologies ULV1546_15 Datasheet HTML 6Page - Unisonic Technologies ULV1546_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ULV1546
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-962.a
ELECTRICAL CHARACTERISTICS(Cont.)
(VS+=+16V, VS-=0V, with RL=10KΩ and CL=10pF, TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Characteristics
Input Offset Voltage
VOS
VCM=8V
3
15
mV
Average Offset Voltage Drift
TCVos
Measured over Operating Temperature
Range
5
µV/°C
Input Bias Current
IB
VCM=8V
2
50
nA
Input Impedance
RIN
1
GΩ
Input Capacitance
CIN
2.0
pF
Common-Mode Input Range
CMIR
-0.5
+15.5
V
Common-Mode Rejection
Ratio
CMRR -0.5V≤VIN≤+16.5V
50
75
dB
Open-Loop Gain
AVOL
+0.5V≤VOUT≤+15.5V
68
80
dB
Output Characteristics
Output Swing Low
VOL
IL=-5mA
70
120
mV
Output Swing High
VOH
IL=+5mA
15.88 15.94
V
Peak Output AC Current
IOUT
VOUT Reaches within ±3V from Rails
±300
mA
Power Supply Performance
Power Supply Rejection Ratio
PSRR
VS from +4.5V to+16.5V
60
80
dB
Supply Current (Per Amplifier)
IS
No Load
1.2
mA
Dynamic Performance
Slew Rate (Rising & Falling
Edges)
SR
+1.0V≤VOUT≤+15.0V
30
V/µs
Settling to ±0.1% (AV=+1)
ts
VO=2.0V Step @ CL=0pF
100
ns
-3dB Bandwidth
BW
30
MHz
Gain-Bandwidth Product
GBWP
24
MHz
Phase Margin
PM
50
°
Channel Separation
CHS
f=5MHz
90
dB


Similar Part No. - ULV1546_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV1546G-P14-R UTC-ULV1546G-P14-R Datasheet
156Kb / 7P
   20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM/GAMMA BUFFER
ULV1546G-P14-T UTC-ULV1546G-P14-T Datasheet
156Kb / 7P
   20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM/GAMMA BUFFER
ULV1546L-P14-R UTC-ULV1546L-P14-R Datasheet
156Kb / 7P
   20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM/GAMMA BUFFER
ULV1546L-P14-T UTC-ULV1546L-P14-T Datasheet
156Kb / 7P
   20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM/GAMMA BUFFER
More results

Similar Description - ULV1546_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV1546 UTC-ULV1546 Datasheet
156Kb / 7P
   20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM/GAMMA BUFFER
logo
Global Mixed-mode Techn...
G1561 GMT-G1561 Datasheet
652Kb / 1P
   Rail to Rail Input-Output VCOM Buffer
logo
Maxim Integrated Produc...
MAX1886 MAXIM-MAX1886 Datasheet
284Kb / 7P
   High-Current VCOM Drive Buffer
Rev 0; 8/01
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
uPI Group Inc.
US5505 UPI-US5505 Datasheet
186Kb / 11P
   High Slew Rate, High Current Drive Rail to Rail Opration Amplifier
US5506 UPI-US5506 Datasheet
170Kb / 10P
   High Slew Rate, High Current Drive Rail to Rail Operation Amplifier
US5507 UPI-US5507 Datasheet
144Kb / 9P
   High Slew Rate, High Current Drive Rail to Rail Operation Amplifier
logo
Intersil Corporation
EL5611 INTERSIL-EL5611 Datasheet
251Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com