Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3366 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # M3366
Description  3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3366 Datasheet(HTML) 6 Page - Unisonic Technologies

  M3366_15 Datasheet HTML 1Page - Unisonic Technologies M3366_15 Datasheet HTML 2Page - Unisonic Technologies M3366_15 Datasheet HTML 3Page - Unisonic Technologies M3366_15 Datasheet HTML 4Page - Unisonic Technologies M3366_15 Datasheet HTML 5Page - Unisonic Technologies M3366_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
M3366
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R124-002.C
TEST CIRCUIT
DC VOLTAGE EACH TERMINAL (Typ. on Test Circuit TA=25C)
Terminal Name
VIN1
SW1
VIN2
SW2
VIN3
V
+
VOUT
GND
DC Voltage
V
5
2
V
5
2
V
5
2
7
0
5
2
.
V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - M3366_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3366 UTC-M3366_11 Datasheet
202Kb / 6P
   3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
More results

Similar Description - M3366_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3368 UTC-M3368_15 Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
logo
New Japan Radio
NJM2245 NJRC-NJM2245 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
NJM2246 NJRC-NJM2246 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER?
logo
Unisonic Technologies
M3368 UTC-M3368_11 Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
UTCM3368 UTC-UTCM3368 Datasheet
61Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
logo
New Japan Radio
NJM2265 NJRC-NJM2265 Datasheet
181Kb / 4P
   3-INPUT VIDEO SUPER IMPOSER WITH 6dB AMPLIFIER???
NJM2266 NJRC-NJM2266 Datasheet
178Kb / 4P
   3-INPUT VIDEO SUPER IMPOSER WITH 6dB AMPLIFIER????
logo
Unisonic Technologies
V2267 UTC-V2267_15 Datasheet
307Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
V2267 UTC-V2267 Datasheet
231Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
logo
New Japan Radio
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
   DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com