Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4053 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4053
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4053 Datasheet(HTML) 4 Page - Unisonic Technologies

  4053_15 Datasheet HTML 1Page - Unisonic Technologies 4053_15 Datasheet HTML 2Page - Unisonic Technologies 4053_15 Datasheet HTML 3Page - Unisonic Technologies 4053_15 Datasheet HTML 4Page - Unisonic Technologies 4053_15 Datasheet HTML 5Page - Unisonic Technologies 4053_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4053
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-036.E
DYNAMIC ELECTRICAL CHARACTERISTICS
(CL = 50pF, TA=25°C, VEE≦VSS, unless otherwise specified)
PARAMETER
SYMBOL
VDD-VEE
VDC
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay Times
Switch Input to Switch
Output (RL = 10 kΩ)
tPLH, tPHL
5
tPLH, tPHL =(0.17 ns/pF)CL + 16.5ns
25
65
ns
10
tPLH, tPHL =(0.08 ns/pF)CL + 4.0ns
8.0
20
ns
15
tPLH, tPHL =(0.06 ns/pF)CL + 3.0ns
6.0
15
ns
Inhibit to Output
tPHZ, tPLZ
tPZH, tPZL
5
(RL=10kΩ, VEE=VSS), Output “1” or
“0” to High Impedance, or High
Impedance to “1” or “0” Level
275
550
ns
10
140
280
ns
15
110
220
ns
Control Input to Output
tPLH, tPHL
5
RL = 10kΩ, VEE = VSS
300
600
ns
10
120
240
ns
15
80
160
ns
Total Harmonic Distortion
THD
10
RL = 10KΩ, f = 1 kHz, VIN = 5 VPP
0.07
%
Bandwidth
BW
10
RL=1kΩ, VIN= 1/2(VDD-VEE) p-p,
CL =50pF, 20 Log (VOUT/VIN)= -3dB)
17
MHz
Off Channel Feedthrough
Attenuation
10
RL=1KΩ, VIN = 1/2(VDD-VEE) p-p
fIN = 55MHz
-50
dB
Channel Separation
10
RL = 1kΩ, VIN = 1/2 VDD-VEE)p-p
fIN = 3MHz
-50
dB
Crosstalk, Control Input to
Common O/I
10
R1 = 1kΩ, RL = 10kΩ Control
tTLH = tTHL = 20ns, Inhibit = VSS
75
mV
Notes: 1. Data of “TYP” is intended as an indication of the IC’s potential performance.
2. For voltage drops across the switch(∆VSW)>600mV (>300mV at high temperature), excessive VDD current
may be drawn, i.e. the current out of the switch may contain both VDD and switch input components. The
reliability of the device will be unaffected unless the Maximum Ratings are exceeded.


Similar Part No. - 4053_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4053 UTC-4053_12 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - 4053_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com