Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US5C3257 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US5C3257
Description  QUAD 2:1 MUX/DEMUX BUS SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5C3257 Datasheet(HTML) 5 Page - Unisonic Technologies

  US5C3257_15 Datasheet HTML 1Page - Unisonic Technologies US5C3257_15 Datasheet HTML 2Page - Unisonic Technologies US5C3257_15 Datasheet HTML 3Page - Unisonic Technologies US5C3257_15 Datasheet HTML 4Page - Unisonic Technologies US5C3257_15 Datasheet HTML 5Page - Unisonic Technologies US5C3257_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
US5C3257
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-891.a
POWER SUPPLY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
(Note 2)
MAX
UNIT
Quiescent Power Supply Current
ICC
VCC=Max., VIN=GND or VCC
0.1
3.0
µA
Supply Current per Input @ TTL
HIGH
∆ICC
VCC=Max., VIN=3.4V (Note 3)
2.5
mA
Supply Current per Input per MHz
(Note 4)
ICCD
VCC=Max., I and Y Pins Open
BE
=GND, Control Input Toggling
50% Duty Cycle
0.25
mA/
MHz
Notes:1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the
applicable device type.
2. Typical values are at VCC=5.0V, TA=25°C ambient and maximum loading.
3. Per TTL driven input (VIN=3.4V, control inputs only); I and Y pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal
capacitance at the specified frequency. The I and Y inputs generate no significant AC or DC currents as
they transition. This parameter is not tested, but is guaranteed by design.
SWITCHING CHARACTERISTICS OVER OPERATIONG RANGE
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
MAX
UNIT
Propagation Delay In to Yn
(Note 2, 3)
tIY
CL=50pF, RL=500Ω
0.25
ns
Bus Select Time Sn to Yn
tSY
0.5
5.2
ns
Bus Disable Time E to Yn
tPZH / tPZL
0.5
4.8
ns
Bus Disable Time E to Yn
tPHZ / tPLZ
0.5
5.0
ns


Similar Part No. - US5C3257_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US5C3257G-S16-R UTC-US5C3257G-S16-R Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257G-S16-T UTC-US5C3257G-S16-T Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257L-S16-R UTC-US5C3257L-S16-R Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257L-S16-T UTC-US5C3257L-S16-T Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results

Similar Description - US5C3257_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com