Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2267G-D08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # V2267G-D08-T
Description  DUAL VIDEO 6dB AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2267G-D08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  V2267G-D08-T Datasheet HTML 1Page - Unisonic Technologies V2267G-D08-T Datasheet HTML 2Page - Unisonic Technologies V2267G-D08-T Datasheet HTML 3Page - Unisonic Technologies V2267G-D08-T Datasheet HTML 4Page - Unisonic Technologies V2267G-D08-T Datasheet HTML 5Page - Unisonic Technologies V2267G-D08-T Datasheet HTML 6Page - Unisonic Technologies V2267G-D08-T Datasheet HTML 7Page - Unisonic Technologies V2267G-D08-T Datasheet HTML 8Page - Unisonic Technologies V2267G-D08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
V2267
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R124-006.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
10
V
Power Dissipation
DIP-8
PD
500
mW
SOP-8
350
mW
MSOP-8
300
mW
TSSOP-8
250
mW
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-40 ~ +125
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Clamp Voltage
VCL
Measuring at TP1(TP2) No signal
1.79
1.91
2.03
V
Operating Current
ICC
No signal
14.0
18.2
mA
Voltage Gain
GV
VOUT1/VIN1, VOUT2/VIN2
at VIN1(VIN2) =1MHz, 1VP-P, Sinewave
5.7
6.2
6.7
dB
Frequency Characteristic
GF
VIN=1Vp-p, Sinewave, 7MHz/1MHz
±1.0
dB
Crosstalk
CT
VOUT2/VOUT1 at VIN1 = 4.43MHz, 1VP-P, VIN2=Gnd,
Sinewave
VOUT1/VOUT2 at VIN2 =4.43MHz, 1VP-P,VIN1=Gnd,
Sinewave
-70
dB
Gain Offset
GCH
VIN=1MHz, 1VP-P, GV1 = VOUT1/VIN1,
GV2 = VOUT2/VIN2, GCH = GV1-GV2
±0.5
dB
SAG Terminal Gain
GSAG
35
45
dB
Differential Gain
GDIFF
VIN1=1VP-P, Staircase
Measuring VOUT3 at VIN1 = Staircase Signal
1.0
3.0
%
Differential Phase
DP
VIN1=1VP-P, Staircase
Measuring VOUT3 at VIN1 = Staircase Signal
1.0
3.0
deg


Similar Part No. - V2267G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
V2267G-D08-T UTC-V2267G-D08-T Datasheet
265Kb / 8P
   DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
More results

Similar Description - V2267G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
V2267 UTC-V2267 Datasheet
231Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
logo
New Japan Radio
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
   DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
NJM2268 NJRC-NJM2268 Datasheet
388Kb / 11P
   DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER?
logo
Unisonic Technologies
V2267 UTC-V2267_12 Datasheet
265Kb / 8P
   DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
logo
SG Micro Corp
SGM9117 SGMICRO-SGM9117_15 Datasheet
296Kb / 10P
   6dB Video Driver
logo
Unisonic Technologies
M3368 UTC-M3368_15 Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
logo
SG Micro Corp
SGM9122 SGMICRO-SGM9122 Datasheet
256Kb / 10P
   Dual Video Driver with 6dB Gain
SGM9122 SGMICRO-SGM9122_16 Datasheet
264Kb / 10P
   Dual Video Driver with 6dB Gain
logo
New Japan Radio
NJM2245 NJRC-NJM2245 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
NJM2246 NJRC-NJM2246 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com