Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG67 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG67
Description  NPN 8 GHz wideband transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG67 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG67_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG67_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG67_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG67_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG67_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG67_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG67_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG67_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG67_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 Oct 02
7
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistors
BFG67; BFG67/X; BFG67/XR
Fig.12 Minimum noise figure as a function of
frequency.
VCE =8V.
handbook, halfpage
4
2
1
0
MBB309
3
F
(dB)
f (MHz)
10 4
10 3
10 2
5 mA
I
= 30 mA
C
15 mA
BFG67/X
Noise Parameters
f
(MHz)
VCE
(V)
IC
(mA)
500
8
5
Fmin
(dB)
Gamma (opt)
Rn/50
(mag)
(ang)
0.95
0.455
33.8
0.288
Fig.13 Noise circle figure.
ZO =50 Ω.
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
0
+ j
− j
MBB317
stability
circle
Fmin=0.95 dB
OPT
1
0.2
10
5
2
0.5
1.5 dB
2 dB
3 dB


Similar Part No. - BFG67_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG67-X NXP-BFG67-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG67/X PHILIPS-BFG67/X Datasheet
133Kb / 16P
   NPN 8 GHz wideband transistors
1998 Oct 02
BFG67/X NXP-BFG67/X Datasheet
287Kb / 14P
   NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
BFG67/XR PHILIPS-BFG67/XR Datasheet
133Kb / 16P
   NPN 8 GHz wideband transistors
1998 Oct 02
BFG67/XR NXP-BFG67/XR Datasheet
287Kb / 14P
   NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
More results

Similar Description - BFG67_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG67_2015 JMNIC-BFG67_2015 Datasheet
116Kb / 16P
   NPN 8 GHz wideband transistors
logo
NXP Semiconductors
BFG67 NXP-BFG67 Datasheet
287Kb / 14P
   NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
BFG67 PHILIPS-BFG67 Datasheet
133Kb / 16P
   NPN 8 GHz wideband transistors
1998 Oct 02
BFG520W PHILIPS-BFG520W Datasheet
154Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
BFG93A PHILIPS-BFG93A Datasheet
133Kb / 16P
   NPN 6 GHz wideband transistors
1998 Sep 23
logo
Quanzhou Jinmei Electro...
BFG505_2015 JMNIC-BFG505_2015 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistors
BFG520W_2015 JMNIC-BFG520W_2015 Datasheet
130Kb / 16P
   NPN 9 GHz wideband transistors
BFG505 JMNIC-BFG505_15 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistors
logo
NXP Semiconductors
BFG93A NXP-BFG93A Datasheet
286Kb / 13P
   NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
BFG520W NXP-BFG520W Datasheet
304Kb / 15P
   NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com