Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG93A Datasheet(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG93A
Description  NPN 6 GHz wideband transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG93A Datasheet(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG93A_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG93A_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG93A_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG93A_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG93A_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG93A_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG93A_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG93A_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG93A_15 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Sep 23
9
Philips Semiconductors
Product specification
NPN 6 GHz wideband transistors
BFG93A; BFG93A/X
Fig.17 Common emitter reverse transmission coefficient (S12).
handbook, full pagewidth
135
_
o
180 o
135 o
90
o
45o
0 o
_
45o
_ 90o
MCD102
40 MHz
3 GHz
0.20
0.16
0.12
0.08
0.04
VCE = 8 V; IC = 30 mA; Rmax = 0.2 Ω.
VCE = 10 V; IC = 15 mA; Zo =50 Ω.
Fig.18 Common emitter output reflection coefficient (S22).
handbook, full pagewidth
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
0
+ j
– j
MCD101
0.5
1
0.2
10
5
2
3 GHz
40 MHz


Similar Part No. - BFG93A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG93A-X NXP-BFG93A-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG93A/X PHILIPS-BFG93A/X Datasheet
133Kb / 16P
   NPN 6 GHz wideband transistors
1998 Sep 23
BFG93A/X NXP-BFG93A/X Datasheet
286Kb / 13P
   NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
logo
Vishay Siliconix
BFG93A VISHAY-BFG93A_08 Datasheet
103Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 08-Sep-08
logo
Quanzhou Jinmei Electro...
BFG93A_2015 JMNIC-BFG93A_2015 Datasheet
116Kb / 16P
   NPN 6 GHz wideband transistors
More results

Similar Description - BFG93A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG93A PHILIPS-BFG93A Datasheet
133Kb / 16P
   NPN 6 GHz wideband transistors
1998 Sep 23
BFG93A NXP-BFG93A Datasheet
286Kb / 13P
   NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
logo
Quanzhou Jinmei Electro...
BFG93A_2015 JMNIC-BFG93A_2015 Datasheet
116Kb / 16P
   NPN 6 GHz wideband transistors
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
   NPN 6 GHz wideband transistor
September 1995
BFG94 PHILIPS-BFG94 Datasheet
100Kb / 13P
   NPN 6 GHz wideband transistor
1998 Sep 23
logo
Quanzhou Jinmei Electro...
BFR93A JMNIC-BFR93A_15 Datasheet
101Kb / 12P
   NPN 6 GHz wideband transistor
BFR93AR JMNIC-BFR93AR_15 Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
logo
NXP Semiconductors
BFG520W PHILIPS-BFG520W Datasheet
154Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
logo
Quanzhou Jinmei Electro...
BFG67_2015 JMNIC-BFG67_2015 Datasheet
116Kb / 16P
   NPN 8 GHz wideband transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com