Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG94 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG94
Description  NPN 6 GHz wideband transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG94 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG94_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
September 1995
4
Philips Semiconductors
Product specification
NPN 6 GHz wideband transistor
BFG94
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Notes
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
2. dim = −60 dB (DIN 45004B, par 6.3: 3-tone); IC = 45 mA; VCE = 10 V; RL = 75 Ω; Tamb = 25 °C;
Vp = VO at dim = −60 dB; fp = 795.25 MHz;
Vq = VO −6 dB; Vr = VO −6 dB;
fq = 803.25 MHz; fr = 805.25 MHz;
measured at f(p+q−r) = 793.25 MHz.
3. IC = 45 mA; VCE = 10 V; RL = 75 Ω; Tamb = 25 °C;
Vq = VO = 280 mV;
fp = 250 MHz; fq = 560 MHz;
measured at f(p+q) = 810 MHz.
4. IC = 45 mA; VCE = 10 V; RL = 50 Ω;Tamb = 25 °C;
fp = 1000 MHz; fq = 1001 MHz;
measured at f(2p−q) and f(2q−p).
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 10 V
−−
100
nA
hFE
DC current gain
IC = 30 mA; VCE = 5 V
45
90
IC = 45 mA; VCE = 10 V
100
Cc
collector capacitance
IE = ie = 0; VCB = 10 V; f = 1 MHz
0.9
2
pF
Ce
emitter capacitance
IC = ie = 0; VEB = 0.5 V; f = 1 MHz
2.9
4.5
pF
Cre
feedback capacitance
IC = ic = 0; VCE = 10 V; f = 1 MHz
0.5
0.8
pF
fT
transition frequency
IC = 45 mA; VCE = 10 V; f = 1 GHz;
Tamb = 25 °C
4
−−
GHz
IC = 30 mA; VCE = 5 V; f = 1 GHz;
Tamb = 25 °C
46
GHz
GUM
maximum unilateral power gain
(note1)
IC = 45 mA; VCE = 10 V; f = 1 GHz;
Tamb = 25 °C
11.5
13.5
dB
F
minimum noise figure
Γ
s = Γopt; IC = 45 mA; VCE = 10 V;
f = 500 MHz
2.7
dB
Γs = Γopt; IC = 45 mA; VCE = 10 V;
f = 1 GHz
3
dB
VO
output voltage
note 2
500
mV
d2
second order intermodulation
distortion
note 3
−−51
dB
PL1
output power at 1 dB gain
compression
IC = 45 mA; VCE = 10 V; RL = 50 Ω;
Tamb = 25 °C; measured at f = 1 GHz
21.5
dBm
ITO
third order intercept point
note 4
34
dBm
G
UM
10
S
21
2
1S
11
2


1S
22
2


--------------------------------------------------------------
dB.
log
=


Similar Part No. - BFG94_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG94_2015 JMNIC-BFG94_2015 Datasheet
88Kb / 13P
   NPN 6 GHz wideband transistor
More results

Similar Description - BFG94_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
   NPN 6 GHz wideband transistor
September 1995
BFG94 PHILIPS-BFG94 Datasheet
100Kb / 13P
   NPN 6 GHz wideband transistor
1998 Sep 23
logo
Quanzhou Jinmei Electro...
BFR93A JMNIC-BFR93A_15 Datasheet
101Kb / 12P
   NPN 6 GHz wideband transistor
BFR93AR JMNIC-BFR93AR_15 Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
BFG94_2015 JMNIC-BFG94_2015 Datasheet
88Kb / 13P
   NPN 6 GHz wideband transistor
BFR93AR_2015 JMNIC-BFR93AR_2015 Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
BFR93A_2015 JMNIC-BFR93A_2015 Datasheet
101Kb / 12P
   NPN 6 GHz wideband transistor
logo
NXP Semiconductors
BFR93AR NXP-BFR93AR Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
Rev. 01-30 November 2006
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
   NPN 6 GHz wideband transistor
1997 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com