Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG94 Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG94
Description  NPN 6 GHz wideband transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG94 Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG94_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
September 1995
5
Philips Semiconductors
Product specification
NPN 6 GHz wideband transistor
BFG94
Fig.2
Test circuit for second and third order
intermodulation distortion.
L1 = L3 = 5
µH micro-choke.
L2 = 1 turn copper wire (0.4 mm), internal diameter 4 mm.
MBB780
10 k
L2
L1
1 nF
output
75
247
1 nF
L3
1 nF
DUT
input
75
+VBB
+VCC
2 pF
33
33
Fig.3
Measurement set-up for third order
intercept point and 1 dB gain compression.
MBB789
INPUT SLUG TUNER
OUTPUT SLUG TUNER
BIAS
TEE
input
output
DUT
TEST
FIXTURE
BIAS
TEE
Fig.4 Power derating curve.
handbook, halfpage
0
50
100
200
800
600
200
0
400
MBB790
150
Ts (°C)
Ptot
(mW)
Fig.5
DC current gain as a function of collector
current.
VCE = 10 V; Tj =25 °C
handbook, halfpage
010
20
30
120
0
40
80
MCD087
h FE
I
(mA)
C


Similar Part No. - BFG94_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG94_2015 JMNIC-BFG94_2015 Datasheet
88Kb / 13P
   NPN 6 GHz wideband transistor
More results

Similar Description - BFG94_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
   NPN 6 GHz wideband transistor
September 1995
BFG94 PHILIPS-BFG94 Datasheet
100Kb / 13P
   NPN 6 GHz wideband transistor
1998 Sep 23
logo
Quanzhou Jinmei Electro...
BFR93A JMNIC-BFR93A_15 Datasheet
101Kb / 12P
   NPN 6 GHz wideband transistor
BFR93AR JMNIC-BFR93AR_15 Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
BFG94_2015 JMNIC-BFG94_2015 Datasheet
88Kb / 13P
   NPN 6 GHz wideband transistor
BFR93AR_2015 JMNIC-BFR93AR_2015 Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
BFR93A_2015 JMNIC-BFR93A_2015 Datasheet
101Kb / 12P
   NPN 6 GHz wideband transistor
logo
NXP Semiconductors
BFR93AR NXP-BFR93AR Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
Rev. 01-30 November 2006
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
   NPN 6 GHz wideband transistor
1997 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com