Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG198 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG198
Description  NPN 8 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG198 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG198_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG198_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG198_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG198_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG198_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG198_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG198_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG198_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG198_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1995 Sep 12
2
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFG198
DESCRIPTION
NPN planar epitaxial transistor in a
plastic SOT223 envelope, intended
for wideband amplifier applications.
The device features a high gain and
excellent output voltage capabilities.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
emitter
4
collector
Fig.1 SOT223.
age
4
123
MSB002 - 1
Top view
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCEO
collector-emitter voltage
open base
−−
10
V
IC
DC collector current
−−
100
mA
Ptot
total power dissipation
up to Ts = 135 °C (note 1)
−−
1W
hFE
DC current gain
IC = 50 mA; VCE =5V; Tj =25 °C40
90
fT
transition frequency
IC = 50 mA; VCE = 8 V; f = 1 GHz;
Tamb =25 °C
8
GHz
GUM
maximum unilateral power
gain
IC = 50 mA; VCE = 8 V; f = 500 MHz;
Tamb =25 °C
18
dB
IC = 50 mA; VCE = 8 V; f = 800 MHz;
Tamb =25 °C
15
dB
Vo
output voltage
dim = −60 dB; IC = 70 mA; VCE =8V;
RL =75 Ω; Tamb =25 °C;
f(p+q−r) = 793.25 MHz
700
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCEO
collector-emitter voltage
open base
10
V
VEBO
emitter-base voltage
open collector
2.5
V
IC
DC collector current
100
mA
Ptot
total power dissipation
up to Ts = 135 °C (note 1)
1W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C


Similar Part No. - BFG198_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG198_2015 JMNIC-BFG198_2015 Datasheet
83Kb / 12P
   NPN 8 GHz wideband transistor
More results

Similar Description - BFG198_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG65 PHILIPS-BFG65 Datasheet
476Kb / 9P
   NPN 8 GHz wideband transistor
November 1992
BFQ67T PHILIPS-BFQ67T Datasheet
92Kb / 12P
   NPN 8 GHz wideband transistor
2000 Mar 06
BFQ67W PHILIPS-BFQ67W Datasheet
101Kb / 10P
   NPN 8 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFQ67_2015 JMNIC-BFQ67_2015 Datasheet
91Kb / 12P
   NPN 8 GHz wideband transistor
logo
NXP Semiconductors
BFG198 PHILIPS-BFG198 Datasheet
95Kb / 12P
   NPN 8 GHz wideband transistor
1995 Sep 12
BFQ67 PHILIPS-BFQ67 Datasheet
103Kb / 12P
   NPN 8 GHz wideband transistor
1998 Aug 27
logo
Quanzhou Jinmei Electro...
BFQ67W JMNIC-BFQ67W_15 Datasheet
85Kb / 10P
   NPN 8 GHz wideband transistor
logo
NXP Semiconductors
BFG67W PHILIPS-BFG67W Datasheet
102Kb / 16P
   NPN 8 GHz wideband transistor
August 1995
logo
Quanzhou Jinmei Electro...
BFG198_2015 JMNIC-BFG198_2015 Datasheet
83Kb / 12P
   NPN 8 GHz wideband transistor
BFQ67 JMNIC-BFQ67_15 Datasheet
91Kb / 12P
   NPN 8 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com